Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM2002 Datasheet(PDF) 4 Page - Sames

Part # PM2002
Description  Energy Meter Evaluation Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2002 Datasheet(HTML) 4 Page - Sames

  PM2002 Datasheet HTML 1Page - Sames PM2002 Datasheet HTML 2Page - Sames PM2002 Datasheet HTML 3Page - Sames PM2002 Datasheet HTML 4Page - Sames PM2002 Datasheet HTML 5Page - Sames PM2002 Datasheet HTML 6Page - Sames PM2002 Datasheet HTML 7Page - Sames PM2002 Datasheet HTML 8Page - Sames PM2002 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
sames
sames
PM2002DP
4/10
http://www.sames.co.za
CT TERMINATION RESISTOR
Provision is made for the use of a current transformer on the
module. The existing shunt needs to be removed and the
current sense resistors will have to be recalculated for the
specific current transformer. The voltage drop across the CT
termination resistor at rated current should be at least 20mV.
The CT's used should have a low phase shift and a ratio of
1:2500.The CT is terminated with a 2.7W resistor giving a
voltage drop of 864mV across the termination resistor at rated
conditions
CURRENT SENSOR INPUT RESISTORS FIGURE 5 (USING
A CURRENT TRANSFORMER)
The resistors R6, R7 define the current level into the current
sense inputs the device. The resistor values are selected for
an input current of 16µA on the current inputs at rated
conditions. For an 80A-rated meter the resistor values are
calculated as follows:
R6 = R7 = (I / 16µA) x R / 2
L
SH
= 80A / 16µA x 2.7W / 2
= 2.7kW
I Line current
L =
RSH = CT Termination resistor
2500 = CT ratio
Figure 5: Current input configuration
LIVE IN
LIVE OUT
R16
IIN
IIP
J5
L
CT1
R6
R7
Phase Compensation (When using a current transformer)
Phase shift caused by the current transformer may be
corrected by inserting a capacitor in the voltage divider circuit.
See Figure 6, Capacitor C7. To compensate for a phase shift of
0.18 degrees the capacitor value is calculated as follows:
C = 1 / (2 x
p x Mains frequency x R5 x tan (Phase shift angle))
C = 1 / (2 x
p x 50 x 1M x tan( 0.18 degrees))
C = 1.013µF
Reference Voltage VREF
The VREF pin of the SA2002D is connected to a resistor that
determines the on chip bias current.
Ground GND
The GND pin of the SA2002D is to the live phase, which is
halfway between VDD and VSS. Note that supply bypass
capacitors C1 and C2 are positioned as close as possible to the
supply pins of the device, and connected to a solid ground
plane.


Similar Part No. - PM2002

ManufacturerPart #DatasheetDescription
logo
Sames
PM2002DP SAMES-PM2002DP_03 Datasheet
455Kb / 10P
   EnergyMeter Evaluation Module
More results

Similar Description - PM2002

ManufacturerPart #DatasheetDescription
logo
Sames
PM4100APD SAMES-PM4100APD Datasheet
644Kb / 14P
   Energy Meter Evaluation Module
PM9607AP SAMES-PM9607AP Datasheet
366Kb / 16P
   Energy Meter Evaluation Module
PM2007MPPE SAMES-PM2007MPPE Datasheet
374Kb / 16P
   Energy Meter Evaluation Module
PM2102DPD SAMES-PM2102DPD Datasheet
166Kb / 16P
   Energy Meter Evaluation Module
PM2007HPE SAMES-PM2007HPE Datasheet
134Kb / 8P
   Energy Meter Evaluation Module with Pulse
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com