Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM9103AP Datasheet(PDF) 8 Page - Sames

Part # PM9103AP
Description  SINGLE PHASE POWER/ENERGY METERING MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9103AP Datasheet(HTML) 8 Page - Sames

Back Button PM9103AP Datasheet HTML 2Page - Sames PM9103AP Datasheet HTML 3Page - Sames PM9103AP Datasheet HTML 4Page - Sames PM9103AP Datasheet HTML 5Page - Sames PM9103AP Datasheet HTML 6Page - Sames PM9103AP Datasheet HTML 7Page - Sames PM9103AP Datasheet HTML 8Page - Sames PM9103AP Datasheet HTML 9Page - Sames PM9103AP Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PM9103AP
sames
8/10
Parts List For Application Circuit: Figure 2
Item
Symbol
Description
Detail
1
IC-1
SA9103CP/SA9103EP/SA9603C
DIP-20
2
IC-2
Opto Coupler 4N35
DIP-6
3
IC-3
Opto Coupler 4N35
DIP-6
4
D1
Diode, Silicon, 1N4148
5
D2
Diode, Silicon, 1N4148
6
D3
Diode, Silicon, 1N4148
7
ZD1
Diode, Zener, 2.4V, 200mW
8
ZD2
Diode, Zener, 2.4V, 200mW
9
XTAL
Crystal, 3.5795MHz
Colour burst TV
10
R1
Resistor, 1.6k
Ω, 1%, metal
Note 1
11
R2
Resistor, 1.6k
Ω, 1%, metal
Note 1
12
R3A
Resistor, 1%, metal
Note 2
13
R3B
Resistor, 1%, metal
Note 2
14
R4
Resistor, 1M, ¼W
15
R5
Resistor, 470
Ω, 2W, 5%, carbon
16
R6
Resistor, 24k, ¼W, metal
17
R7
Resistor, 24k, ¼W, metal
18
R8
Resistor, 680
Ω, ¼W, 5%
19
R9
Resistor, 680
Ω, ¼W, 5%
20
R10
Resistor, 680
Ω, ¼W, 5%
21
R12
Resistor, 120
Ω, ¼W, 5%
22
R13
Resistor, 120k, ¼W, 5%
23
R14
Resistor, 3.9k, ¼W, 5%
24
R15
Resistor, 120
Ω, ¼W, 5%
25
C1
Capacitor, 560pF
26
C2
Capacitor, 560pF
27
C3
Capacitor, 3.3nF
28
C4
Capacitor, 3.3nF
29
C9
Capacitor, 100nF
30
C10
Capacitor, 100nF
31
C11
Capacitor, polyester
Note 2
32
C12
Capacitor, 100nF
33
C13
Capacitor, 100µF, 16V
34
C14
Capacitor, 100µF, 16V
35
C15
Capacitor, 820nF, 16V
36
RSH
Shunt Resistor, 80A, 50mV (625µ
Ω)
Note 1
Note 1: Resistor (R1 and R2) values are dependant upon the selected value of RSH. See
paragraph 6 (Circuit Description) when selecting the value for RSH.
Note 2: See the table below, detailing the component values for the selected voltage standard.


Similar Part No. - PM9103AP

ManufacturerPart #DatasheetDescription
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9102APA SAMES-PM9102APA Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9102APE SAMES-PM9102APE Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE
PM9105AFA SAMES-PM9105AFA Datasheet
108Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE PULSE OUTPUT
More results

Similar Description - PM9103AP

ManufacturerPart #DatasheetDescription
logo
Sames
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9603APA SAMES-PM9603APA Datasheet
138Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE
PM96045AP SAMES-PM96045AP Datasheet
542Kb / 14P
   THREE PHASE POWER/ENERGY METERING MODULE
PM9105AP SAMES-PM9105AP Datasheet
111Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE
PM9105AFA SAMES-PM9105AFA Datasheet
108Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE PULSE OUTPUT
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
   Single Phase Multifunction Energy Metering IC
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com