Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190710184 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0190710184
Description  InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 14, Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190710184 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0190710184 Datasheet HTML 1Page - Molex Electronics Ltd. 0190710184 Datasheet HTML 2Page - Molex Electronics Ltd. 0190710184 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DOC NO. SD-19071-002
B
ETC2007-0019
ASSEMBLY IS ROHS COMPLIANT.
THICKNESS
REF
.045
.045
.045


Similar Part No. - 0190710184

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190710180 MOLEX4-0190710180 Datasheet
172Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
0190710181 MOLEX4-0190710181 Datasheet
171Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 10, Mylar Tape Carrier
0190710182 MOLEX4-0190710182 Datasheet
172Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
0190710188 MOLEX4-0190710188 Datasheet
88Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710189 MOLEX4-0190710189 Datasheet
34Kb / 2P
   InsulKrimp??Brazed Ring Tongue Terminal for 6 AWG Wire, Expanded Flare, StudSize 10, Length 42.34mm (1.667"), Mylar Tape Carrier
More results

Similar Description - 0190710184

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190710177 MOLEX4-0190710177 Datasheet
172Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 06, Mylar Tape Carrier
0190710179 MOLEX4-0190710179 Datasheet
171Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 08, Mylar Tape Carrier
0190710181 MOLEX4-0190710181 Datasheet
171Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 10, Mylar Tape Carrier
0190750024 MOLEX4-0190750024 Datasheet
87Kb / 3P
   InsulKrimp??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10,Mylar Tape Carrier
0190700122 MOLEX4-0190700122 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 8, Length27.33mm (1.076"), Mylar Tape Carrier
0190700154 MOLEX4-0190700154 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 3/8", Length34.21mm (1.347"), Mylar Tape Carrier
0190710155 MOLEX4-0190710155 Datasheet
172Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 5/16", Length 36.25mm(1.427"), Mylar Tape Carrier
0190700120 MOLEX4-0190700120 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6, Length27.33mm (1.076"), Mylar Tape Carrier
0190700144 MOLEX4-0190700144 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6, Length26.21mm (1.032"), Mylar Tape Carrier
0190730096 MOLEX4-0190730096 Datasheet
99Kb / 3P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8, Length23.77mm (.936"), Mylar Tape Carrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com