Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM9106APA Datasheet(PDF) 3 Page - Sames

Part # PM9106APA
Description  SINGLE PHASE WATT MEASUREMENT MODULE WITH A 5 DIGIT LED DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9106APA Datasheet(HTML) 3 Page - Sames

  PM9106APA Datasheet HTML 1Page - Sames PM9106APA Datasheet HTML 2Page - Sames PM9106APA Datasheet HTML 3Page - Sames PM9106APA Datasheet HTML 4Page - Sames PM9106APA Datasheet HTML 5Page - Sames PM9106APA Datasheet HTML 6Page - Sames PM9106APA Datasheet HTML 7Page - Sames PM9106APA Datasheet HTML 8Page - Sames PM9106APA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PM9106AP
sames
3/10
FUNCTIONAL DESCRIPTION
1.
Power Calculation
In the Application Circuit (see Figure 2), the output current from the current sensor
will be between 0 and 16µA (0 to 80A through a shunt resistor of 625
µΩ). The current
input stage saturates at input currents greater than18µA
RMS.
The mains voltage
(230V + 15% -20%) is used to supply the circuitry with power and for the power
calculation, together with the current information from the current sensor (shunt
resistor).
The SA9106AP integrated circuit may be adjusted to accomodate any voltage or
current values. The method of calculating external component values is described
in paragraph 5 (Circuit Description).
SAMES offers two evaluation module options, namely 230V/80A and 115/80A.
ELECTRICAL CHARACTERISTICS
(Over the temperature range -10°C to +70°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Supply Voltage
V
AC
180
230
265
V
Continuous
operation
Power Consumption 1
800
mW
V
AC = 230V
Note 1: Power consumption specifications exclude power consumed by the current
sensor.
Note 2: Isolation voltage may be specified, depending on customer requirements.
PIN DESCRIPTION
Designation
Description
MAINS
Voltage supply connection to Neutral line
Voltage supply connection to Live line
NEUTRAL IN
Connection to positive side of current sensor
NEUTRAL OUT
Connection to negative side of current sensor
The calculated power is directly displayed on a 5 digit (7 segment) LED display. The
update interval is approximately every 2 seconds.


Similar Part No. - PM9106APA

ManufacturerPart #DatasheetDescription
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9102APA SAMES-PM9102APA Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9102APE SAMES-PM9102APE Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103APA SAMES-PM9103APA Datasheet
113Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
More results

Similar Description - PM9106APA

ManufacturerPart #DatasheetDescription
logo
Sames
SA9106A SAMES-SA9106A Datasheet
223Kb / 14P
   SINGLE PHASE WATT MEASUREMENT IC WITH INTEGRATED 5 DIGIT LED DISPLAY DRIVER
logo
LIGITEK electronics co....
LSD515-65-XX LIGITEK-LSD515-65-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY
LSD315-6DBK-XX-PF LIGITEK-LSD315-6DBK-XX-PF Datasheet
251Kb / 9P
   SINGLE DIGIT LED DISPLAY
LSD515-62-XX LIGITEK-LSD515-62-XX Datasheet
92Kb / 8P
   SINGLE DIGIT LED DISPLAY
LSD355-6DBK-XX-PF LIGITEK-LSD355-6DBK-XX-PF Datasheet
137Kb / 9P
   SINGLE DIGIT LED DISPLAY
logo
Micro Electronics
MS136-C MICRO-ELECTRONICS-MS136-C Datasheet
90Kb / 2P
   LED SINGLE DIGIT DISPLAY
logo
LIGITEK electronics co....
LSD535-6WK-XX-PF LIGITEK-LSD535-6WK-XX-PF Datasheet
218Kb / 11P
   SINGLE DIGIT LED DISPLAY
LSD4015-63HS-XX LIGITEK-LSD4015-63HS-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY
LSD815-62U-XX-PF LIGITEK-LSD815-62U-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY
LSD535-6DBK-XX-PF LIGITEK-LSD535-6DBK-XX-PF Datasheet
163Kb / 9P
   SINGLE DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com