Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM9109BFA Datasheet(PDF) 1 Page - Sames

Part # PM9109BFA
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9109BFA Datasheet(HTML) 1 Page - Sames

  PM9109BFA Datasheet HTML 1Page - Sames PM9109BFA Datasheet HTML 2Page - Sames PM9109BFA Datasheet HTML 3Page - Sames PM9109BFA Datasheet HTML 4Page - Sames PM9109BFA Datasheet HTML 5Page - Sames PM9109BFA Datasheet HTML 6Page - Sames PM9109BFA Datasheet HTML 7Page - Sames PM9109BFA Datasheet HTML 8Page - Sames PM9109BFA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
sames
sames
sames
sames
sames
FEATURES
!
Performs bidirectional energy meter-
ing and includes a 7 digit LCD driver
with announciators
!
4 externally selectable on-chip tariff
registers
!
An additional total energy register
!
Meets the accuracy requirements for
Class 1 AC Watt hour meters
!
Optical interface for electronic reading
according to IEC1107 Mode D
1/12
!
Pulse output for calibration
!
Total power consumption rating below
600mW
!
Uses a shunt resistor for current sens-
ing
!
Operates over a wide temperature
range
!
Demonstration software included
MONOCHIP SINGLE PHASE BIDIRECTIONAL
KILOWATT HOUR METERING MODULE
PM9109BFX
PDS038-SA9109-001
REV. 3
28-06-00
SA9109B APPLICATION NOTE
PM9109BF
DESCRIPTION
The SAMES monochip single phase bidirectional kilowatt hour metering module, the
PM9109BF, provides all the required metering functions including energy measure-
ment, a 7 digit LCD driver, a tariff selection facility, an optical port as well as a pulse
output for calibration purposes.
Energy consumption is determined by the power measurement being integrated over
time.
This method of calculation takes the power factor into account.
This application utilises the SAMES SA9109BFA monochip single phase bidirectional
kilowatt hour metering IC for energy measurement.
As a safety measure, this application shows the current sensor connected to the neutral
line. In practice the live line may be used for current sensing, provided that the supply
connections (MAINS) are reversed on the module.


Similar Part No. - PM9109BFA

ManufacturerPart #DatasheetDescription
logo
Sames
PM9109BFA SAMES-PM9109BFA Datasheet
181Kb / 18P
   MONOCHIP SINGLE PHASE BIDIRECTIONAL
More results

Similar Description - PM9109BFA

ManufacturerPart #DatasheetDescription
logo
Sames
SA9109B SAMES-SA9109B Datasheet
183Kb / 18P
   MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PM9110BFA SAMES-PM9110BFA Datasheet
162Kb / 14P
   MONOCHIP THREE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
   Single Phase Kilowatt-hour Metering IC
SA4101A SAMES-SA4101A Datasheet
518Kb / 15P
   Single Phase Kilowatt-hour Metering IC
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
   Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
PM9109BF SAMES-PM9109BF Datasheet
181Kb / 18P
   MONOCHIP SINGLE PHASE BIDIRECTIONAL
SA9110A SAMES-SA9110A Datasheet
183Kb / 18P
   MONOCHIP THREE PHASE BIDIRECTIONAL
SA2002P SAMES-SA2002P Datasheet
127Kb / 14P
   Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com