Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190060004 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0190060004
Description  Flag Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal Strip, Tab6.35mm (.250") x 0.81mm (.032
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190060004 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0190060004 Datasheet HTML 1Page - Molex Electronics Ltd. 0190060004 Datasheet HTML 2Page - Molex Electronics Ltd. 0190060004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 0190060004

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0190060000 WEIDMULLER-0190060000 Datasheet
1Mb / 52P
   SAK-series
logo
Molex Electronics Ltd.
0190060001 MOLEX4-0190060001 Datasheet
95Kb / 2P
   Avikrimp??Quick Disconnect for 18-22 AWG Wire, Female Flag, Tab 6.35mm (.250") x0.81mm (.032")
0190060003 MOLEX4-0190060003 Datasheet
95Kb / 2P
   Flag Avikrimp??Quick Disconnect
0190060005 MOLEX4-0190060005 Datasheet
76Kb / 2P
   Avikrimp??Quick Disconnect for 18-22 AWG Wire, Female Flag, Tab 4.75mm (.187") x0.51mm (.020")
0190060006 MOLEX4-0190060006 Datasheet
76Kb / 2P
   Flag Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape,Tab 4.75mm (.187") x 0.51mm (.020"||" "368234
Compression Style Ring Tongue Terminal for 8 AWG W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com