Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192030092 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0192030092
Description  Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 6Mylar Tape Carrier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192030092 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0192030092 Datasheet HTML 1Page - Molex Electronics Ltd. 0192030092 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0192030092

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192030094 MOLEX4-0192030094 Datasheet
91Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10Mylar Tape Carrier
0192030095 MOLEX4-0192030095 Datasheet
90Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4,Mylar Tape Carrier
0192030098 MOLEX4-0192030098 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 10 to 12 AWG, Stud Size 8, MylarTape Carrier
0192030099 MOLEX4-0192030099 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10
More results

Similar Description - 0192030092

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192030094 MOLEX4-0192030094 Datasheet
91Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10Mylar Tape Carrier
0192030114 MOLEX4-0192030114 Datasheet
72Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10,Mylar Tape Carrier
0192030095 MOLEX4-0192030095 Datasheet
90Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4,Mylar Tape Carrier
0192030086 MOLEX4-0192030086 Datasheet
72Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,Mylar Tape Carrier
0192030052 MOLEX4-0192030052 Datasheet
91Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,Mylar Tape Carrier
0192030035 MOLEX4-0192030035 Datasheet
69Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 10Mylar Tape Carrier
0192030100 MOLEX4-0192030100 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10Mylar Tape Carrier
0192030078 MOLEX4-0192030078 Datasheet
72Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 6,Mylar Tape Carrier
0192030045 MOLEX4-0192030045 Datasheet
90Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 1/4Mylar Tape Carrier
0192030084 MOLEX4-0192030084 Datasheet
72Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8,Mylar Tape Carrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com