Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194200012 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 194200012
Description  MX150L??Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

194200012 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  194200012 Datasheet HTML 1Page - Molex Electronics Ltd. 194200012 Datasheet HTML 2Page - Molex Electronics Ltd. 194200012 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T2 Terminator for
MX150L™ Terminal
0639108200
Manual Extraction
Tool
0638131500
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 194200012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
194200010 MOLEX4-194200010 Datasheet
120Kb / 3P
   MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated
More results

Similar Description - 194200012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194200001 MOLEX1-0194200001_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
0194200003 MOLEX1-0194200003_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Gold Plated, Metal Strip Carrier
0194200002 MOLEX4-0194200002 Datasheet
121Kb / 3P
   MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200002 MOLEX1-0194200002_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200009 MOLEX1-0194200009_18 Datasheet
34Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Tin Plated
0194200009 MOLEX4-0194200009 Datasheet
119Kb / 3P
   MX150L??Female Terminal for 14-16 AWG Wire, Tin Plated
0194200004 MOLEX1-0194200004_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Gold Plated, Metal Strip Carrier
0194340002 MOLEX1-0194340002_18 Datasheet
34Kb / 1P
   MX150L Female Terminal for 8 AWG Wire, Metal Strip Carrier
0194170025 MOLEX1-0194170025_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170011 MOLEX1-0194170011_18 Datasheet
36Kb / 1P
   MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com