Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190160001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0190160001
Description  Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190160001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0190160001 Datasheet HTML 1Page - Molex Electronics Ltd. 0190160001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0190160001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0190160000 WEIDMULLER-0190160000 Datasheet
1Mb / 52P
   SAK-series
logo
Molex Electronics Ltd.
0190160002 MOLEX4-0190160002 Datasheet
102Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110") x 0.51mm (.020")
0190160003 MOLEX4-0190160003 Datasheet
103Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 2.79mm(.110") x 0.81mm (.032")
0190160004 MOLEX4-0190160004 Datasheet
102Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110
0190160005 MOLEX4-0190160005 Datasheet
114Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com