Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9106A Datasheet(PDF) 11 Page - Sames

Part # SA9106A
Description  SINGLE PHASE WATT MEASUREMENT IC WITH INTEGRATED 5 DIGIT LED DISPLAY DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9106A Datasheet(HTML) 11 Page - Sames

Back Button SA9106A Datasheet HTML 6Page - Sames SA9106A Datasheet HTML 7Page - Sames SA9106A Datasheet HTML 8Page - Sames SA9106A Datasheet HTML 9Page - Sames SA9106A Datasheet HTML 10Page - Sames SA9106A Datasheet HTML 11Page - Sames SA9106A Datasheet HTML 12Page - Sames SA9106A Datasheet HTML 13Page - Sames SA9106A Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SA9106A
sames
11/14
Parts List for Application Circuit: Figure 2
Item
Symbol
Description
Detail
1
IC-1
SA9106A
DIP-40/PLCC-44
2
XTAL
Crystal, 3.5795MHz
Colour burst TV
3
RSH
Resistor
Note 1
4
R1
Resistor, 1%, metal
Note 2
5
R2
Resistor, 1%, metal
Note 2
6
R3
Resistor, 390k, (230 VAC). 1%, metal
7
R4
Resistor, 1M, 1/4W, 1%, metal
8
R6
Resistor, 24k, 1/4W, metal
9
R7
Resistor, 22k, 1/4W, 1%, metal
10
R8
Resistor
Note 3
11
R9
Resistor
Note 3
12
R10
Resistor
Note 3
13
R11
Resistor
Note 3
14
R12
Resistor
Note 3
15
R13
Resistor
Note 3
16
R14
Resistor
Note 3
17
R15
Resistor, 820
Ω, 1/4W, 1%
18
R16
Resistor, 820
Ω, 1/4W, 1%
19
D1
Light emitting diode
20
RT
Potentiometer 4.7k
Multi turn
21
C1
Capacitor, 560pF
22
C2
Capacitor, 560pF
23
C3
Capacitor, 3.3nF
24
C4
Capacitor, 3.3nF
25
C9
Capacitor, 100nF
26
C10
Capacitor, 100nF
27
C11
Capacitor
Note 4
28
C15
Capacitor, 820nF
Note 5


Similar Part No. - SA9106A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA910 PHILIPS-SA910 Datasheet
114Kb / 13P
   Variable gain RF predriver amplifier
1997 Aug 12
logo
Sames
SA9101 SAMES-SA9101 Datasheet
711Kb / 40P
   PCM FRAME ALIGNER
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CPA SAMES-SA9102CPA Datasheet
60Kb / 12P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CSA SAMES-SA9102CSA Datasheet
60Kb / 12P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
More results

Similar Description - SA9106A

ManufacturerPart #DatasheetDescription
logo
Sames
PM9106APA SAMES-PM9106APA Datasheet
139Kb / 10P
   SINGLE PHASE WATT MEASUREMENT MODULE WITH A 5 DIGIT LED DISPLAY
logo
Maxim Integrated Produc...
MAXQ314 MAXIM-MAXQ314 Datasheet
1,020Kb / 16P
   Single-Phase Power-Measurement IC with I2C Interface
Rev 0; 11/09
logo
Analog Devices
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE5166 AD-ADE5166_08 Datasheet
2Mb / 148P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. 0
ADE7566 AD-ADE7566_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7569 AD-ADE7569_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE5166 AD-ADE5166 Datasheet
1Mb / 148P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrB
ADE7569 AD-ADE7569 Datasheet
1Mb / 136P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com