Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5VL45C-T1 Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RH5VL45C-T1
Description  VOLTAGE DETECTOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5VL45C-T1 Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RH5VL45C-T1 Datasheet HTML 7Page - RICOH electronics devices division RH5VL45C-T1 Datasheet HTML 8Page - RICOH electronics devices division RH5VL45C-T1 Datasheet HTML 9Page - RICOH electronics devices division RH5VL45C-T1 Datasheet HTML 10Page - RICOH electronics devices division RH5VL45C-T1 Datasheet HTML 11Page - RICOH electronics devices division RH5VL45C-T1 Datasheet HTML 12Page - RICOH electronics devices division RH5VL45C-T1 Datasheet HTML 13Page - RICOH electronics devices division RH5VL45C-T1 Datasheet HTML 14Page - RICOH electronics devices division RH5VL45C-T1 Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
R
×5VL
8
R
×5VL36C
Symbol
Item
–VDET
Detector Threshold
VHYS
Detector Threshold Hysteresis
ISS
Supply Current
VDD
Operating Voltage
IOUT
Output Current
tPLH
Output Delay Time
∆–VDET
Detector Threshold
∆Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
3.510
3.600
3.690
V
0.108
0.180
0.252
V
VDD=3.47V
1.00
3.00
VDD=5.60V
1.20
3.60
µA
VDD=10.0V
1.70
5.10
1.50
10.0
V
Nch
VDS=0.5V
VDD=1.5V
0.25
0.50
mA
Nch
VDS=0.5V
VDD=3.0V
3.00
5.00
mA
Pch
VDS=–2.1V
VDD=4.5V
1.00
2.00
mA
100
µs
–30˚C
≤Topt≤80˚C
±100
ppm/˚C
Topt=25˚C
R
×5VL45C
Symbol
Item
–VDET
Detector Threshold
VHYS
Detector Threshold Hysteresis
ISS
Supply Current
VDD
Operating Voltage
IOUT
Output Current
tPLH
Output Delay Time
∆–VDET
Detector Threshold
∆Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
4.388
4.500
4.612
V
0.135
0.225
0.315
V
VDD=4.34V
1.10
3.30
VDD=6.50V
1.30
3.90
µA
VDD=10.0V
1.70
5.10
1.50
10.0
V
Nch
VDS=0.5V
VDD=1.5V
0.25
0.50
mA
Nch
VDS=0.5V
VDD=4.0V
4.00
6.00
mA
Pch
VDS=–2.1V
VDD=8.0V
1.50
3.00
mA
100
µs
–30˚C
≤Topt≤80˚C
±100
ppm/˚C
Topt=25˚C


Similar Part No. - RH5VL45C-T1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5VT09A RICOH-RH5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RH5VT09A-RF RICOH-RH5VT09A-RF Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RH5VT09A-RR RICOH-RH5VT09A-RR Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RH5VT09A-T1 RICOH-RH5VT09A-T1 Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RH5VT09A-T2 RICOH-RH5VT09A-T2 Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
More results

Similar Description - RH5VL45C-T1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com