Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1170D231B-T1 Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1170D231B-T1
Description  800mA LDO REGULATOR????
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1170D231B-T1 Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1170D231B-T1 Datasheet HTML 3Page - RICOH electronics devices division R1170D231B-T1 Datasheet HTML 4Page - RICOH electronics devices division R1170D231B-T1 Datasheet HTML 5Page - RICOH electronics devices division R1170D231B-T1 Datasheet HTML 6Page - RICOH electronics devices division R1170D231B-T1 Datasheet HTML 7Page - RICOH electronics devices division R1170D231B-T1 Datasheet HTML 8Page - RICOH electronics devices division R1170D231B-T1 Datasheet HTML 9Page - RICOH electronics devices division R1170D231B-T1 Datasheet HTML 10Page - RICOH electronics devices division R1170D231B-T1 Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Rev. 1.10
-7-
s Technical Notes on External Components and Typical Application
Phase Compensation
In these ICs, phase compensation is made with Output capacitor for securing stable operation even
if the load current is varied. For this purpose, use as much as 10
µF Capacitor as CL.
If you use a tantalum type capacitor and ESR value of the capacitor is large, output might be
unstable. Evaluate your circuit with considering frequency characteristics. Further, refer to the
Typical Characteristics No.12.
Mounting on PCB
Make VDD and GND lines sufficient. If the impedance of these is high, current flows, the noise might
be picked up or be a cause of unstable operation. Further use as much as 10
µF Capacitor between
VDD pin and GND pin as close as possible.
Set an Output capcitor between VOUT pin and GND pin for phase compensation as close as possible.
(Refer to the example of typical application)
Example of the typical application of R1170HxxxB
IN
OUT
VDD
CE
GND
VOUT
CI
CL
R1170Hxx1B
CI=10
µF(Ceramic), CL=10µF(Ceramic)


Similar Part No. - R1170D231B-T1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170D201A-TR-FE RICOH-R1170D201A-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
R1170D201B-TR-FE RICOH-R1170D201B-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
R1170D251A-TR-FE RICOH-R1170D251A-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
R1170D251B-TR-FE RICOH-R1170D251B-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
More results

Similar Description - R1170D231B-T1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com