Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9607P Datasheet(PDF) 7 Page - Sames

Part # SA9607P
Description  Programmable Single Phase Energy Metering IC with Tamper Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9607P Datasheet(HTML) 7 Page - Sames

Back Button SA9607P Datasheet HTML 3Page - Sames SA9607P Datasheet HTML 4Page - Sames SA9607P Datasheet HTML 5Page - Sames SA9607P Datasheet HTML 6Page - Sames SA9607P Datasheet HTML 7Page - Sames SA9607P Datasheet HTML 8Page - Sames SA9607P Datasheet HTML 9Page - Sames SA9607P Datasheet HTML 10Page - Sames SA9607P Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SA9607P
http://www.sames.co.za.
7/12
PARAMETER DESCRIPTION
Refer to the EEPROM memory allocation map as well as the
Signal flow diagram figure 6, for a description of the registers
used in this section.
EEPROM Memory Allocation
The following table shows the EEPROM memory allocation
as well as the corresponding name. The uneven byte always
contains a XORed byte of the previous even byte. This is the
checksum byte used by the SA9607P to ensure data integrity.
Channel Balance (KC)
Kc defines the dividing factor, which is applied to the incoming
pulse rate. This value is typically 511. This factor is used for
calibration meter and gain balancing of the 2 current channels.
The value for Kc is usually between 400 and 640.
Kc is made up of 2 bytes, D12 and D14 or D16 or D18 which
forms a 10 bit value.
KEY: (- = DON'T CARE); (V = VALUE/PARAMETER); (0,1 = LOGICAL VALUE); (X = BIT-XOR)
Rated Condition (KR)
Kr is used to program the rated condition of the meter. This
feature is required for a correct counter increment of meters
designed for different rated conditions using the same
integrated circuit. Rated conditions from less than 10A to
several 100A are possible.
The channel balance values should be used to compensate
for rounding errors in Kr. Kr is calculated as follows:
Kr =(1252 x 1000 x 3600)/(Rated volt x Rated current x 6400)-1
Kr is made up of 1 byte (D20)
Description
E2Address
Contents
Bit [7:0]
Name
Channel 1 Balance LSB
12
Kc1
vvvvvvvv
D12
13
XOR of ADDR 12
xxxxxxxx
Channel 1 Balance MSB
14
Kc1
------vv
D14
15
XOR of ADDR 14
xxxxxxxx
Channel 2 Balance LSB
16
Kc2
vvvvvvvv
D16
17
XOR of ADDR 16
xxxxxxxx
Channel 2 Balance MSB
18
Kc2
------vv
D18
19
XOR of ADDR 18
xxxxxxxx
Rated Condition
20
Kr
vvvvvvvv
D20
21
XOR of ADDR 22
xxxxxxxx
Led Pulse-rate
22
Cled
------vv
D22
23
XOR of ADDR 22
xxxxxxxx
Counter Pulse-width
24
Cpw
0v------
D24
Counter Resolution
24
Cres
------vv
25
XOR of ADDR 24
1xxxxxxx
Earth leak Compensation
26
Ne
------vv
D26
Channel Select Mode
26
Cs
----vv--
27
XOR of ADDR 24
xxxxxxxx


Similar Part No. - SA9607P

ManufacturerPart #DatasheetDescription
logo
Sames
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
   Single Phase Power/Energy Metering IC with Tamper Detection
More results

Similar Description - SA9607P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01_11 Datasheet
1Mb / 60P
   Programmable single phase energy metering IC with tamper detection
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
   PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10_V01 Datasheet
1Mb / 47P
   Programmable single-phase energy metering IC with tamper detection
February 2017
logo
Sames
SA2007P SAMES-SA2007P Datasheet
138Kb / 12P
   Programmable Single Phase Energy Metering IC with Tamper Detection
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
   Programmable single-phase energy metering IC with tamper detection
logo
Sames
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
   Single Phase Power/Energy Metering IC with Tamper Detection
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
   Single Phase Power/Energy Metering IC with Tamper Detection
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
logo
ATMEL Corporation
AVR465 ATMEL-AVR465 Datasheet
305Kb / 40P
   Single-Phase Power/Energy Meter with Tamper Detection
logo
STMicroelectronics
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
   Single-phase energy meter with tamper detection based on ST7FLITE2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com