Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1170D391B-T1 Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1170D391B-T1
Description  800mA LDO REGULATOR????
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1170D391B-T1 Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1170D391B-T1 Datasheet HTML 1Page - RICOH electronics devices division R1170D391B-T1 Datasheet HTML 2Page - RICOH electronics devices division R1170D391B-T1 Datasheet HTML 3Page - RICOH electronics devices division R1170D391B-T1 Datasheet HTML 4Page - RICOH electronics devices division R1170D391B-T1 Datasheet HTML 5Page - RICOH electronics devices division R1170D391B-T1 Datasheet HTML 6Page - RICOH electronics devices division R1170D391B-T1 Datasheet HTML 7Page - RICOH electronics devices division R1170D391B-T1 Datasheet HTML 8Page - RICOH electronics devices division R1170D391B-T1 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev. 1.10
- 4 -
s
s
s
s
ELECTRICAL CHARACTERISTICS
q
R1170XxxxA
(Topt=25
°C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Voltage
VIN
6.0
V
Supply Current1
ISS1
VIN-VOUT=1.0V
VCE=GND
80
160
µA
Standby Current
Istb
VIN=VCE=6.0V
0.1
1.0
µA
Output voltage
VOUT
VIN-VOUT=1.0V
IOUT=100mA
x0.98
x1.02
V
Output Current
IOUT1
VIN-VOUT=1.0V
800
mA
Load regulation
∆VOUT/
∆IOUT
VIN-VOUT=1.0V
1mA
≤IOUT≤300mA
30
100
mV
Dropout Voltage
VDIF
IOUT=300mA
Refer to Dropout Voltage Table
Line regulation
∆VOUT/
∆VIN
IOUT=100mA
VOUT+0.5V
≤VIN≤8.0V
0.05
0.30
%/V
Ripple Rejection
RR
f=1kHz,Ripple 0.5Vp-p
VIN-VOUT=1.0V
50
dB
Output Voltage
Temperature Coefficient
∆VOUT/
∆T
IOUT=10mA
-40
°C ≤ Topt ≤ 85°C
±100
ppm
/
°C
Short Current Limit
ILIM
VOUT=0V
40
mA
Pull-up resistance for CE pin
RPU
1.25
2.50
5.00
M
CE Input Voltage “H”
VCEH
1.50
VIN
V
CE Input Voltage “L”
VCEL
0.00
0.25
V
Thermal Shutdown Detector
Threshold Temperature
TTSD
Junction Temperature
150
°C
Thermal Shutdown Released
Temperature
TTSR
Junction Temperature
120
°C


Similar Part No. - R1170D391B-T1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170D301A-TR-FE RICOH-R1170D301A-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
R1170D301B-TR-FE RICOH-R1170D301B-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
R1170D351A-TR-FE RICOH-R1170D351A-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
R1170D351B-TR-FE RICOH-R1170D351B-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
More results

Similar Description - R1170D391B-T1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com