Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3131N26BA3-TR Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R3131N26BA3-TR
Description  Low Voltage Detector with built-in Delay Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N26BA3-TR Datasheet(HTML) 2 Page - RICOH electronics devices division

  R3131N26BA3-TR Datasheet HTML 1Page - RICOH electronics devices division R3131N26BA3-TR Datasheet HTML 2Page - RICOH electronics devices division R3131N26BA3-TR Datasheet HTML 3Page - RICOH electronics devices division R3131N26BA3-TR Datasheet HTML 4Page - RICOH electronics devices division R3131N26BA3-TR Datasheet HTML 5Page - RICOH electronics devices division R3131N26BA3-TR Datasheet HTML 6Page - RICOH electronics devices division R3131N26BA3-TR Datasheet HTML 7Page - RICOH electronics devices division R3131N26BA3-TR Datasheet HTML 8Page - RICOH electronics devices division R3131N26BA3-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Low Voltage Detector with built-in
Delay Circuit
R3130N×××A/C, R3131N×××A/C
1
OUTLINE
R3130N/R3131N Series are low voltage detector ICs with built-in delay circuit, high Detector Threshold accuracy
and ultra low supply current by CMOS process, which can be operated at low voltage.
These ICs can be used as system reset generator, and each of these ICs consists of a voltage reference, a com-
parator, resistors for setting voltage detector threshold, an output driver transistor, and an output delay generator.
Detector threshold is fixed internally with high accuracy and requires no adjustment. When Supply Voltage crosses
a setting detector threshold voltage from a high value to a lower value, this IC generates reset signal.
R3130N Series output “L” at detection mode, while R3131N Series output “H”.
Further, each of R3130N/R3131N Series embeds an output delay generator, when Supply Voltage crosses a setting
detector threshold voltage from a low value to a higher value, during a setting delay time which is fixed in the IC, this
IC keeps the reset condition.
Output Delay Time can be selected. (TYP. 240ms is standard.)
Two output types, Nch open drain type and CMOS type, are available.
Since the package for these ICs are SOT23-3 (Mini-mold) package, high density mounting of the ICs on board is
possible.
FEATURES
• Pin to Pin compatible with MAX 809/810 (R3130N××××: MAX 809, R3131N××××: MAX 810)
• Ultra-low supply Current ........................................................ TYP. 1.25µA (R313×N27××: VDD=3.0V)
• Operating Voltage Range ........................................................ 1.0V to 6.0V (Topt=25°C)
• Detector Threshold.................................................................. Setting with a step of 0.1V in the range of 1.6V to 4.8V
is possible.
• Embedded Power on Reset Delay Time Circuit .................... Delay Time can be designated.
Refer to Selection Guide.
• High Accuracy Detector Threshold......................................... ±1.5%
• High Accuracy Output Delay Time ......................................... ±10.0%
• Low Temperature-Drift Coefficient of Detector Threshold... TYP. ±100ppm/°C
• Two Output Types .................................................................... Nch Open Drain and CMOS
• Small Package........................................................................... SOT-23-3


Similar Part No. - R3131N26BA3-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3131N RICOH-R3131N Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
More results

Similar Description - R3131N26BA3-TR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com