Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0395172010 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0395172010
Description  3.81mm (.150") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 10 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395172010 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0395172010 Datasheet HTML 1Page - Molex Electronics Ltd. 0395172010 Datasheet HTML 2Page - Molex Electronics Ltd. 0395172010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
G reen
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Inform ation
Printing Options
P rinting Options
P rinting Options
Printing Options
Dim . A
Dim B
Dim C
Dim D
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
m m
inch
mm
inch
m m
inch
2
395172002
395172302
395172402
395172502
395172802
395172902
395177002
395177302
395177402
395177502
395177802
395177902
8.41
0.331
3.81
0.150
12.81
0.504
18.01
0.709
3
395172003
395172303
395172403
395172503
395172803
395172903
395177003
395177303
395177403
395177503
395177803
395177903
12.22
0.481
7.62
0.300
16.62
0.654
21.82
0.859
4
395172004
395172304
395172404
395172504
395172804
395172904
395177004
395177304
395177404
395177504
395177804
395177904
16.03
0.631
11.43
0.450
20.43
0.804
25.63
1.009
5
395172005
395172305
395172405
395172505
395172805
395172905
395177005
395177305
395177405
395177505
395177805
395177905
19.84
0.781
15.24
0.600
24.24
0.954
29.44
1.159
6
395172006
395172306
395172406
395172506
395172806
395172906
395177006
395177306
395177406
395177506
395177806
395177906
23.65
0.931
19.05
0.750
28.05
1.104
33.25
1.309
7
395172007
395172307
395172407
395172507
395172807
395172907
395177007
395177307
395177407
395177507
395177807
395177907
27.46
1.081
22.86
0.900
31.86
1.254
37.06
1.459
8
395172008
395172308
395172408
395172508
395172808
395172908
395177008
395177308
395177408
395177508
395177808
395177908
31.27
1.231
26.67
1.050
35.67
1.404
40.87
1.609
9
395172009
395172309
395172409
395172509
395172809
395172909
395177009
395177309
395177409
395177509
395177809
395177909
35.08
1.381
30.48
1.200
39.48
1.554
44.68
1.759
10
395172010
395172310
395172410
395172510
395172810
395172910
395177010
395177310
395177410
395177510
395177810
395177910
38.89
1.531
34.29
1.350
43.29
1.704
48.49
1.909
11
395172011
395172311
395172411
395172511
395172811
395172911
395177011
395177311
395177411
395177511
395177811
395177911
42.70
1.681
38.10
1.500
47.10
1.854
52.30
2.059
12
395172012
395172312
395172412
395172512
395172812
395172912
395177012
395177312
395177412
395177512
395177812
395177912
46.51
1.831
41.91
1.650
50.91
2.004
56.11
2.209
13
395172013
395172313
395172413
395172513
395172813
395172913
395177013
395177313
395177413
395177513
395177813
395177913
50.32
1.981
45.72
1.800
54.72
2.154
59.92
2.359
14
395172014
395172314
395172414
395172514
395172814
395172914
395177014
395177314
395177414
395177514
395177814
395177914
54.13
2.131
49.53
1.950
58.53
2.304
63.73
2.509
15
395172015
395172315
395172415
395172515
395172815
395172915
395177015
395177315
395177415
395177515
395177815
395177915
57.94
2.281
53.34
2.100
62.34
2.454
67.54
2.659
16
395172016
395172316
395172416
395172516
395172816
395172916
395177016
395177316
395177416
395177516
395177816
395177916
61.75
2.431
57.15
2.250
66.15
2.604
71.35
2.809
17
395172017
395172317
395172417
395172517
395172817
395172917
395177017
395177317
395177417
395177517
395177817
395177917
65.56
2.581
60.96
2.400
69.96
2.754
75.16
2.959
18
395172018
395172318
395172418
395172518
395172818
395172918
395177018
395177318
395177418
395177518
395177818
395177918
69.37
2.731
64.77
2.550
73.77
2.904
78.97
3.109
19
395172019
395172319
395172419
395172519
395172819
395172919
395177019
395177319
395177419
395177519
395177819
395177919
73.18
2.881
68.58
2.700
77.58
3.054
82.78
3.259
20
395172020
395172320
395172420
395172520
395172820
395172920
395177020
395177320
395177420
395177520
395177820
395177920
76.99
3.031
72.39
2.850
81.39
3.204
86.59
3.409


Similar Part No. - 0395172010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395172012 MOLEX5-0395172012 Datasheet
142Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount Compatible, Dual Row, Vertical, with Press-fit Metal Retention Clip, 16 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com