Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM-B2500-R963 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # MM-B2500-R963
Description  2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B2500-R963 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  MM-B2500-R963 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B2500-R963 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B2500-R963 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B2500-R963 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - MM-B2500-R963

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B2500-R963 MOLEX5-MM-B2500-R963 Datasheet
201Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits,with 64 Contacts Loaded, 0.76關m (30關") Gold (Au) Selective, Lead Free
MM-B2500-R963-101 MOLEX5-MM-B2500-R963-101 Datasheet
162Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Female, Right Angle,Through Hole, 0.60關m (24關") Selective Gold (Au), PC Tail Length 3.00mm (.118"), 64 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com