Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RT45AA-TL Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RN5RT45AA-TL
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RT45AA-TL Datasheet(HTML) 2 Page - RICOH electronics devices division

  RN5RT45AA-TL Datasheet HTML 1Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 2Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 3Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LOW DROPOUT
VOLTAGE REGULATOR
1
RN5RT SERIES
OUTLINE
The RN5RT Series are voltage regulator ICs with high output voltage accuracy and low supply current developed
through the use of a CMOS process. Each of these voltage regulator ICs consists of a voltage reference unit, an
error amplifier, output voltage setting resistors and a current limit circuit.
The output voltage of these ICs is fixed with high accuracy.
The built-in Driver Transistor of low ON Resistance permits developing of low dropout CMOS type regulator as
RN5RT Series.
Even if VOUT is shorted to GND, the current limit circuit protects the ICs from destruction.
Furthermore, these ICs have a chip enable function, so that the supply current on standby can be minimized.
Since the package for these ICs is the SOT-23-5 (Mini-mold) package, high density mounting of the ICs on
boards is possible.
• Ultra-Low Supply Current...........................................TYP. 4µA (except ICEL)
• Standby Mode..............................................................TYP. 0.1µA
• Low Dropout Voltage ..................................................TYP. 0.3V (IOUT=60mA, RN5RT30A)
• Low Temperature-Drift Coefficient of Output Voltage........TYP. ±100ppm/˚C
• Excellent Line Regulation...........................................TYP. 0.15%/V
• Output Voltage .............................................................Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V
is possible (refer to Selection Guide).
• High Accuracy Output Voltage ..................................±2.0%
• Built-in Current Limit Circuits ...................................TYP. 30mA
• Small Package..............................................................SOT-23-5 (Mini-mold)
FEATURES
APPLICATIONS
• Power source for battery-powered equipment.
• Power source for cellular phones, cameras, VCRs, camcorders, hand-held audio instruments and hand-held com-
munication equipment.
• Power source for domestic appliances.


Similar Part No. - RN5RT45AA-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RT45AA-TR-FE RICOH-RN5RT45AA-TR-FE Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
More results

Similar Description - RN5RT45AA-TL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com