Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0395140002 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0395140002
Description  3.81mm (.150") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 2 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395140002 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0395140002 Datasheet HTML 1Page - Molex Electronics Ltd. 0395140002 Datasheet HTML 2Page - Molex Electronics Ltd. 0395140002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
No ne
10 A
11A
No ne
10A
11 A
None
10A
11A
None
10A
11A
mm
inch
mm
in ch
mm
inch
mm
in ch
2
39514 0002
395 140102
395 1402 02
3951405 02
39 514 0602
395 140702
3951450 02
3951 451 02
39 5145202
395145502
3951456 02
3951 45702
18.0
.7 1
3.8
.15
1 2.8
.50
8.4
.33
3
39514 0003
395 140103
395 1402 03
3951405 03
39 514 0603
395 140703
3951450 03
3951 451 03
39 5145203
395145503
3951456 03
3951 45703
21.8
.8 6
7.6
.30
1 6.6
.65
12.2
.48
4
39514 0004
395 140104
395 1402 04
3951405 04
39 514 0604
395 140704
3951450 04
3951 451 04
39 5145204
395145504
3951456 04
3951 45704
25.6
1.01
11.4
.45
2 0.4
.80
16.0
.63
5
39514 0005
395 140105
395 1402 05
3951405 05
39 514 0605
395 140705
3951450 05
3951 451 05
39 5145205
395145505
3951456 05
3951 45705
29.4
1.16
15.2
.60
2 4.2
.95
19.8
.78
6
39514 0006
395 140106
395 1402 06
3951405 06
39 514 0606
395 140706
3951450 06
3951 451 06
39 5145206
395145506
3951456 06
3951 45706
33.3
1.31
19.1
.75
2 8.1
1.10
23.7
.93
7
39514 0007
395 140107
395 1402 07
3951405 07
39 514 0607
395 140707
3951450 07
3951 451 07
39 5145207
395145507
3951456 07
3951 45707
37.1
1.46
22.9
.90
3 1.9
1.25
27.5
1 .08
8
39514 0008
395 140108
395 1402 08
3951405 08
39 514 0608
395 140708
3951450 08
3951 451 08
39 5145208
395145508
3951456 08
3951 45708
40.9
1.61
26.7
1 .05
3 5.7
1.40
31.3
1 .23
9
39514 0009
395 140109
395 1402 09
3951405 09
39 514 0609
395 140709
3951450 09
3951 451 09
39 5145209
395145509
3951456 09
3951 45709
44.7
1.76
30.5
1 .20
3 9.5
1.55
35.1
1 .38
10
39514 0010
395 140110
395 1402 10
3951405 10
39 514 0610
395 140710
3951450 10
3951 451 10
39 5145210
395145510
3951456 10
3951 45710
48.5
1.91
34.3
1 .35
4 3.3
1.70
38.9
1 .53
11
39514 0011
395 140111
395 1402 11
3951405 11
39 514 0611
395 140711
3951450 11
3951 451 11
39 5145211
395145511
3951456 11
3951 45711
52.3
2.06
38.1
1 .50
4 7.1
1.85
42.7
1 .68
12
39514 0012
395 140112
395 1402 12
3951405 12
39 514 0612
395 140712
3951450 12
3951 451 12
39 5145212
395145512
3951456 12
3951 45712
56.1
2.21
41.9
1 .65
5 0.9
2.00
46.5
1 .83
13
39514 0013
395 140113
395 1402 13
3951405 13
39 514 0613
395 140713
3951450 13
3951 451 13
39 5145213
395145513
3951456 13
3951 45713
59.9
2.36
45.7
1 .80
5 4.7
2.15
50.3
1 .98
14
39514 0014
395 140114
395 1402 14
3951405 14
39 514 0614
395 140714
3951450 14
3951 451 14
39 5145214
395145514
3951456 14
3951 45714
63.7
2.51
49.5
1 .95
5 8.5
2.30
54.1
2 .13
15
39514 0015
395 140115
395 1402 15
3951405 15
39 514 0615
395 140715
3951450 15
3951 451 15
39 5145215
395145515
3951456 15
3951 45715
67.5
2.66
53.3
2 .10
6 2.3
2.45
57.9
2 .28
16
39514 0016
395 140116
395 1402 16
3951405 16
39 514 0616
395 140716
3951450 16
3951 451 16
39 5145216
395145516
3951456 16
3951 45716
71.4
2.81
57.2
2 .25
6 6.2
2.60
61.8
2 .43
17
39514 0017
395 140117
395 1402 17
3951405 17
39 514 0617
395 140717
3951450 17
3951 451 17
39 5145217
395145517
3951456 17
3951 45717
75.2
2.96
61.0
2 .40
7 0.0
2.75
65.6
2 .58
18
39514 0018
395 140118
395 1402 18
3951405 18
39 514 0618
395 140718
3951450 18
3951 451 18
39 5145218
395145518
3951456 18
3951 45718
79.0
3.11
64.8
2 .55
7 3.8
2.90
69.4
2 .73
19
39514 0019
395 140119
395 1402 19
3951405 19
39 514 0619
395 140719
3951450 19
3951 451 19
39 5145219
395145519
3951456 19
3951 45719
82.8
3.26
68.6
2 .70
7 7.6
3.05
73.2
2 .88
20
39514 0020
395 140120
395 1402 20
3951405 20
39 514 0620
395 140720
3951450 20
3951 451 20
39 5145220
395145520
3951456 20
3951 45720
86.6
3.41
72.4
2 .85
8 1.4
3.20
77.0
3 .03
Dimens ional Inf ormation
Printing Optio ns
Dim. A
Dim B
Dim D
Dim C
30 u" Gold
Printin g Op tions
Pr inting Options
Pr inting Options
Circ uit size
Material Numbe rs
Black
Green
100% Tin
30 u" Gold
100% Tin


Similar Part No. - 0395140002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395140003 MOLEX5-0395140003 Datasheet
175Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 3 Circuits
0395140004 MOLEX5-0395140004 Datasheet
175Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 4 Circuits
0395140005 MOLEX5-0395140005 Datasheet
175Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 5 Circuits
0395140006 MOLEX5-0395140006 Datasheet
175Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 6 Circuits
0395140008 MOLEX5-0395140008 Datasheet
175Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com