Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36643-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 36643-001
Description  2.13mm (.084") Diameter MLX??Plug Housing, 1 Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

36643-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  36643-001 Datasheet HTML 1Page - Molex Electronics Ltd. 36643-001 Datasheet HTML 2Page - Molex Electronics Ltd. 36643-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0366430001
Status:
Active
Overview:
MLX
Description:
2.13mm (.084") Diameter MLX™ Plug Housing, 1 Circuit, PA Polyamide Nylon 6/6
94V-2, Glow Wire Compatible
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-42022-0001 (PDF)
General
Product Family
Crimp Housings
Series
36643
Overview
MLX
Product Name
MLX™
Physical
Circuits (maximum)
1
Circuits Detail
1
Color - Resin
Natural
Gender
Plug
Glow-Wire Compliant
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-55°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-42022-0001
Sales Drawing
SD-42021-**
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36643Series
Mates With
42022 Diameter MLX™ Pin and Socket
Receptacle
Use With
MLX Crimp Terminal 42023 , 42024
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 36643-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
36643-0001 MOLEX11-36643-0001 Datasheet
45Kb / 2P
   2.13mm Diameter MLX Plug Housing
36643-0002 MOLEX11-36643-0002 Datasheet
45Kb / 2P
   2.13mm Diameter MLX Plug Housing
36643-0003 MOLEX11-36643-0003 Datasheet
45Kb / 2P
   2.13mm Diameter MLX Plug Housing
36643-0004 MOLEX11-36643-0004 Datasheet
45Kb / 2P
   2.13mm Diameter MLX Plug Housing
36643-0005 MOLEX5-36643-0005 Datasheet
352Kb / 3P
   2.13mm (.084") Diameter MLX??Plug Housing, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com