Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3111Q271A-TR Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R3111Q271A-TR
Description  LOW VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111Q271A-TR Datasheet(HTML) 5 Page - RICOH electronics devices division

  R3111Q271A-TR Datasheet HTML 1Page - RICOH electronics devices division R3111Q271A-TR Datasheet HTML 2Page - RICOH electronics devices division R3111Q271A-TR Datasheet HTML 3Page - RICOH electronics devices division R3111Q271A-TR Datasheet HTML 4Page - RICOH electronics devices division R3111Q271A-TR Datasheet HTML 5Page - RICOH electronics devices division R3111Q271A-TR Datasheet HTML 6Page - RICOH electronics devices division R3111Q271A-TR Datasheet HTML 7Page - RICOH electronics devices division R3111Q271A-TR Datasheet HTML 8Page - RICOH electronics devices division R3111Q271A-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Rev.1.10
- 5 -
s ELECTRICAL CHARACTERISTICS
q
R3111x091A/C
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
-VDET
Detector Threshold
0.882
0.900
0.918
V
VHYS
Detector Threshold Hysteresis
0.027
0.045
0.063
V
ISS
Supply Current
VDD=0.80V
2.90V
0.8
0.9
2.4
2.7
µA
VDDH
Maximum Operating Voltage
10
V
Topt=25
°C
0.55
0.70
VDDL
Minimum Operating
Voltage*
Note1
-40
°C≤Topt≤85°C
0.65
0.80
V
Nch
VDS=0.05V,VDD=0.70V
VDS=0.50V,VDD=0.85V
0.01
0.05
0.05
0.50
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS=-2.1V,VDD=4.5V
1.0
2.0
mA
tPLH
Output Delay Time*
Note2
100
µs
∆-VDET/∆T
Detector Threshold Temperature
Coefficient
-40
°C≤Topt≤85°C
±100
ppm/
°C
q
R3111x181A/C
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
-VDET
Detector Threshold
1.764
1.800
1.836
V
VHYS
Detector Threshold Hysteresis
0.054
0.090
0.126
V
ISS
Supply Current
VDD=1.70V
3.80V
0.8
1.0
2.4
3.0
µA
VDDH
Maximum Operating Voltage
10
V
Topt=25
°C
0.55
0.70
VDDL
Minimum Operating
Voltage*
Note1
-40
°C≤Topt≤85°C
0.65
0.80
V
Nch
VDS=0.05V,VDD=0.70V
VDS=0.50V,VDD=0.85V
0.01
1.00
0.05
2.00
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS=-2.1V,VDD=4.5V
1.0
2.0
mA
tPLH
Output Delay Time*
Note2
100
µs
∆-VDET/∆T
Detector Threshold Temperature
Coefficient
-40
°C≤Topt≤85°C
±100
ppm/
°C


Similar Part No. - R3111Q271A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111Q271A RICOH-R3111Q271A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111Q271A RICOH-R3111Q271A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111Q271A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com