Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5RE30AC Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RH5RE30AC
Description  VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RE30AC Datasheet(HTML) 3 Page - RICOH electronics devices division

  RH5RE30AC Datasheet HTML 1Page - RICOH electronics devices division RH5RE30AC Datasheet HTML 2Page - RICOH electronics devices division RH5RE30AC Datasheet HTML 3Page - RICOH electronics devices division RH5RE30AC Datasheet HTML 4Page - RICOH electronics devices division RH5RE30AC Datasheet HTML 5Page - RICOH electronics devices division RH5RE30AC Datasheet HTML 6Page - RICOH electronics devices division RH5RE30AC Datasheet HTML 7Page - RICOH electronics devices division RH5RE30AC Datasheet HTML 8Page - RICOH electronics devices division RH5RE30AC Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
R
×5RE×××××× ← Part Number
↑↑ ↑↑ ↑
ab c d
e
SELECTION GUIDE
The package type, the output voltage, the packing type, and the taping type of R
×5RE Series can be
designated at the user's request by specifying the part number as follows.
For example, the product with Package Type SOT-89,Output Voltage 5.0V,Version A and Taping Type T1 are
designated by Part Number RH5RE50AA-T1.
Code
Contents
Designation of Package Type:
a
E: TO-92
H: SOT-89 (Mini-power Mold)
b
Setting Output Voltage (VOUT):
Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible.
cA
Designation of Packing Type:
d
A: Taping
C: Antistatic bag for TO-92 and samples
Designation of Taping Type:
Ex. TO-92 : RF, RR, TZ
e
SOT-89: T1, T2
(refer to Taping Specifications)
“TZ” and “T1” are prescribed as a standard.
R
×5RE


Similar Part No. - RH5RE30AC

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RE30AA-T1-FE RICOH-RH5RE30AA-T1-FE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
More results

Similar Description - RH5RE30AC

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99271B-S ELM-TECH-ELM99271B-S Datasheet
170Kb / 18P
   CMOS Middle current voltage regulator
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Electronics
ELM99 ELM-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Technology Corporat...
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
logo
Seiko Instruments Inc
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com