Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39357-0008 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39357-0008
Description  3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 8 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

39357-0008 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39357-0008 Datasheet HTML 1Page - Molex Electronics Ltd. 39357-0008 Datasheet HTML 2Page - Molex Electronics Ltd. 39357-0008 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0393570008
Status:
Active
Description:
3.50mm (.138") Pitch Beau Eurostyle™ Fixed Mount PCB Terminal Block, 8 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39357
Application
Wire-to-Board
Component Type
One Piece
Product Literature Order No
USA-283
Product Name
Eurostyle™Fixed Mount
Type
Euro Block
Physical
Circuits (Loaded)
8
Circuits (maximum)
8
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Pitch - Term. Interface (in)
0.138 In
Pitch - Term. Interface (mm)
3.50 mm
Polarized to Mating Part
No
Shrouded
Fully
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-30°C to +85°C
Wire Size AWG
16, 18, 20, 22, 24, 26, 28
Wire Size mm²
0.20 - 1.00
Electrical
Current - Maximum per Contact
17.5A
Voltage - Maximum
300V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
5
Process Temperature max. C
260
Material Info
Old Part Number
350108
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39357Series


Similar Part No. - 39357-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39357-0008 MOLEX-39357-0008 Datasheet
820Kb / 2P
   3.50mm (.138?? Pitch 35 Series Beau짰 Eurostyle짰 Fixed Terminal Blocks
39357-0008 MOLEX11-39357-0008 Datasheet
39Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com