Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDRSDRAM Datasheet(PDF) 8 Page - Samsung semiconductor

Part # DDRSDRAM
Description  DDR SDRAM Specification Version 0.61
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

DDRSDRAM Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button DDRSDRAM Datasheet HTML 4Page - Samsung semiconductor DDRSDRAM Datasheet HTML 5Page - Samsung semiconductor DDRSDRAM Datasheet HTML 6Page - Samsung semiconductor DDRSDRAM Datasheet HTML 7Page - Samsung semiconductor DDRSDRAM Datasheet HTML 8Page - Samsung semiconductor DDRSDRAM Datasheet HTML 9Page - Samsung semiconductor DDRSDRAM Datasheet HTML 10Page - Samsung semiconductor DDRSDRAM Datasheet HTML 11Page - Samsung semiconductor DDRSDRAM Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
- 8 of 63 -
REV. 0.61 August 9. '99
128Mb DDR SDRAM
Target
• 0
Mixed Interface(LVTTL & SSTL_3 & 3.3V VDDQ)
• 1
SSTL_2(2.5V VDDQ)
• T
66pin TSOP-II
• B
BGA
• C
u - BGA(CSP)
• Z
7.5ns, 133MHz@CL2 (266Mbps/pin)
• Y
7.5ns, 133MHz@CL2.5(266Mbps/pin)
• 0
10ns, 100MHz @CL2(200Mbps/pin)
• Blank
1st Gen.
• A
2nd Gen.
• B
3rd Gen.
• C
4th Gen.
4
4M
8
8M
• 16
16M
• 32
32M
• 64
64M
• 12
128M
• 25
256M
• 51
512M
• 1G
1G
• 2G
2G
• 4G
4G
• H
DDR SDRAM(3.3V VDD)
• L
DDR SDRAM(2.5V VDD)
• 4
x4
• 8
x8
• 16
x16
• 32
x32
• G
Auto & Self Refresh
• F
Auto & Self Refresh with Low Power
• 3
4 Banks
• 4
8 Banks
• 4
DRAM
DDR SDRAM ORDERING INFORMATION
KM 4 XX L XX X X X X X - X X
1. SAMSUNG Memory
2. Device
3. Organization
4. Product & Voltage(VDD)
12. Speed
11. Power
10. Package Type
9. Revision
5. Depth
8. Interface & Voltage(VDDQ)
7. Number of Bank
1. SAMSUNG Memory
2. Device
3. Organization
4. Product & Voltage(VDD)
5. Depth
7. Number of Bank
8. Interface & Voltage(VDDQ)
9. Revision
10. Package Type
11. Power
12. Speed
6. Refresh
• 0
64m/4K(15.6us)
• 1
32m/2K(15.6us)
• 2
128m/8K(15.6us)
• 3
64m/8K(7.8us)
• 4
128m/16K(7.8us)
6. Refresh


Similar Part No. - DDRSDRAM

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DDRSDRAM1111 SAMSUNG-DDRSDRAM1111 Datasheet
669Kb / 53P
   DDR SDRAM Specification Version 1.0
More results

Similar Description - DDRSDRAM

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DDRSDRAM1111 SAMSUNG-DDRSDRAM1111 Datasheet
669Kb / 53P
   DDR SDRAM Specification Version 1.0
256MBDDRSDRAM SAMSUNG-256MBDDRSDRAM Datasheet
658Kb / 51P
   DDR SDRAM Specification Version 0.3
logo
List of Unclassifed Man...
A3S56D30FTP ETC-A3S56D30FTP Datasheet
205Kb / 40P
   256Mb DDR SDRAM Specification
Revision 1.3
logo
Samsung semiconductor
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H1G0438M SAMSUNG-K4H1G0438M Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com