Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0366380006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0366380006
Description  2.50mm (.098"), 3.50mm (.138") CMC Header, Right Angle, 48 Position, 36 loaded, 1 Port, Black, Peg, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0366380006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0366380006 Datasheet HTML 1Page - Molex Electronics Ltd. 0366380006 Datasheet HTML 2Page - Molex Electronics Ltd. 0366380006 Datasheet HTML 3Page - Molex Electronics Ltd. 0366380006 Datasheet HTML 4Page - Molex Electronics Ltd. 0366380006 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0366380006
Status:
Active
Overview:
cmc_connectors
Description:
2.50mm (.098"), 3.50mm (.138") CMC Header, Right Angle, 48 Position, 36 loaded, 1
Port, Black, Peg, Lead-free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
36638
Application
Wire-to-Board
Overview
cmc_connectors
Product Name
CMC
Physical
Breakaway
No
Circuits (Loaded)
36
Circuits (maximum)
48
Circuits Detail
6 x 1.5mm & 30 x 0.635mm terminals
Color - Resin
Black
Durability (mating cycles max)
20
First Mate / Last Break
Yes
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Mated Height (in)
0.264 In
Mated Height (mm)
6.70 mm
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.098 In, 0.138 In, 0.146 In
Pitch - Mating Interface (mm)
2.50 mm, 3.50 mm, 3.70 mm
Pitch - Term. Interface (in)
0.098 In, 0.138 In, 0.146 In
Pitch - Term. Interface (mm)
2.50 mm, 3.50 mm, 3.70 mm
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Closed Ends
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36638Series
Mates With
CMC Connectors 643201311 , 643203311 ,
Use With
CMC Connectors 643201311 , 643203311
, 643202311 , 643204311. CMC CP
Terminals Terminals 64322 , 64323. CMC
Blind Plug for CP Terminal 64325. Wire Cap
643191201


Similar Part No. - 0366380006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0366380001 MOLEX5-0366380001 Datasheet
621Kb / 5P
   2.50mm (.098"), 3.50mm (.138") CMC Header, Right Angle, 96 Position, 72 loaded, 2 Port, Black and Brown, Lead-free
0366380002 MOLEX5-0366380002 Datasheet
441Kb / 5P
   2.50mm (.098"), 3.50mm (.138") CMC Header, Right Angle, 48 Position, 1 Port, Black, Peg, Lead-free
0366380002 MOLEX-0366380002 Datasheet
741Kb / 4P
   48CKT RA S CMC HEADER
Rev. B
0366380003 MOLEX5-0366380003 Datasheet
447Kb / 5P
   2.50mm (.098"), 3.50mm (.138") CMC Header, Right Angle, 48 Position, 1 Port, Brown, Peg, Lead-free
0366380003 MOLEX-0366380003 Datasheet
741Kb / 4P
   48CKT RA S CMC HEADER
Rev. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com