Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43255-0147 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43255-0147
Description  6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, with Plastic Polarizing Peg, 9 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43255-0147 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43255-0147 Datasheet HTML 1Page - Molex Electronics Ltd. 43255-0147 Datasheet HTML 2Page - Molex Electronics Ltd. 43255-0147 Datasheet HTML 3Page - Molex Electronics Ltd. 43255-0147 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0432550147
Status:
Active
Description:
6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact
Diameter, Vertical, with Plastic Polarizing Peg, 9 Circuits, Lead free
Documents:
3D Model
Product Specification PSX-42002-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
43255
Application
Wire-to-Board
Comments
High Vibration Application
Product Name
MLX™
Physical
Circuits (Loaded)
9
Color - Resin
Natural
Durability (mating cycles max)
50
Flammability
94V-2
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.169 In
PC Tail Length (mm)
4.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.250 In
Pitch - Mating Interface (mm)
6.35 mm
Pitch - Term. Interface (in)
0.250 In
Pitch - Term. Interface (mm)
6.35 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
9A
Voltage - Maximum
600V
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43255Series
Mates With
42021 , 42023


Similar Part No. - 43255-0147

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43255-0147 MOLEX-43255-0147 Datasheet
222Kb / 2P
   HEADER HOUSING ASSEMBLY .084/(2.13) SERIES WITH COMPLIANT-POLARIZING PEG
2021/06/08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com