Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395332003 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395332003
Description  5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 3 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395332003 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395332003 Datasheet HTML 1Page - Molex Electronics Ltd. 395332003 Datasheet HTML 2Page - Molex Electronics Ltd. 395332003 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
5.08mm, Euro Plug, Vertical, Front Wire Entry
2
395332002
395332302
395332402
395332502
395332802
395332902
395337002
395337302
395337402
395337502
395337802
395337902
10.16
0.400
5.08
0.200
5.08mm, Euro Plug, Vertical, Front Wire Entry
3
395332003
395332303
395332403
395332503
395332803
395332903
395337003
395337303
395337403
395337503
395337803
395337903
15.24
0.600
10.16
0.400
5.08mm, Euro Plug, Vertical, Front Wire Entry
4
395332004
395332304
395332404
395332504
395332804
395332904
395337004
395337304
395337404
395337504
395337804
395337904
20.32
0.800
15.24
0.600
5.08mm, Euro Plug, Vertical, Front Wire Entry
5
395332005
395332305
395332405
395332505
395332805
395332905
395337005
395337305
395337405
395337505
395337805
395337905
25.40
1.000
20.32
0.800
5.08mm, Euro Plug, Vertical, Front Wire Entry
6
395332006
395332306
395332406
395332506
395332806
395332906
395337006
395337306
395337406
395337506
395337806
395337906
30.48
1.200
25.40
1.000
5.08mm, Euro Plug, Vertical, Front Wire Entry
7
395332007
395332307
395332407
395332507
395332807
395332907
395337007
395337307
395337407
395337507
395337807
395337907
35.56
1.400
30.48
1.200
5.08mm, Euro Plug, Vertical, Front Wire Entry
8
395332008
395332308
395332408
395332508
395332808
395332908
395337008
395337308
395337408
395337508
395337808
395337908
40.64
1.600
35.56
1.400
5.08mm, Euro Plug, Vertical, Front Wire Entry
9
395332009
395332309
395332409
395332509
395332809
395332909
395337009
395337309
395337409
395337509
395337809
395337909
45.72
1.800
40.64
1.600
5.08mm, Euro Plug, Vertical, Front Wire Entry
10
395332010
395332310
395332410
395332510
395332810
395332910
395337010
395337310
395337410
395337510
395337810
395337910
50.80
2.000
45.72
1.800
5.08mm, Euro Plug, Vertical, Front Wire Entry
11
395332011
395332311
395332411
395332511
395332811
395332911
395337011
395337311
395337411
395337511
395337811
395337911
55.88
2.200
50.80
2.000
5.08mm, Euro Plug, Vertical, Front Wire Entry
12
395332012
395332312
395332412
395332512
395332812
395332912
395337012
395337312
395337412
395337512
395337812
395337912
60.96
2.400
55.88
2.200
5.08mm, Euro Plug, Vertical, Front Wire Entry
13
395332013
395332313
395332413
395332513
395332813
395332913
395337013
395337313
395337413
395337513
395337813
395337913
66.04
2.600
60.96
2.400
5.08mm, Euro Plug, Vertical, Front Wire Entry
14
395332014
395332314
395332414
395332514
395332814
395332914
395337014
395337314
395337414
395337514
395337814
395337914
71.12
2.800
66.04
2.600
5.08mm, Euro Plug, Vertical, Front Wire Entry
15
395332015
395332315
395332415
395332515
395332815
395332915
395337015
395337315
395337415
395337515
395337815
395337915
76.20
3.000
71.12
2.800
5.08mm, Euro Plug, Vertical, Front Wire Entry
16
395332016
395332316
395332416
395332516
395332816
395332916
395337016
395337316
395337416
395337516
395337816
395337916
81.28
3.200
76.20
3.000
5.08mm, Euro Plug, Vertical, Front Wire Entry
17
395332017
395332317
395332417
395332517
395332817
395332917
395337017
395337317
395337417
395337517
395337817
395337917
86.36
3.400
81.28
3.200
5.08mm, Euro Plug, Vertical, Front Wire Entry
18
395332018
395332318
395332418
395332518
395332818
395332918
395337018
395337318
395337418
395337518
395337818
395337918
91.44
3.600
86.36
3.400
5.08mm, Euro Plug, Vertical, Front Wire Entry
19
395332019
395332319
395332419
395332519
395332819
395332919
395337019
395337319
395337419
395337519
395337819
395337919
96.52
3.800
91.44
3.600
5.08mm, Euro Plug, Vertical, Front Wire Entry
20
395332020
395332320
395332420
395332520
395332820
395332920
395337020
395337320
395337420
395337520
395337820
395337920
101.60
4.000
96.52
3.800
5.08mm, Euro Plug, Vertical, Front Wire Entry
21
395332021
395332321
395332421
395332521
395332821
395332921
395337021
395337321
395337421
395337521
395337821
395337921
106.68
4.200 101.60 4.000
5.08mm, Euro Plug, Vertical, Front Wire Entry
22
395332022
395332322
395332422
395332522
395332822
395332922
395337022
395337322
395337422
395337522
395337822
395337922
111.76
4.400 106.68 4.200
5.08mm, Euro Plug, Vertical, Front Wire Entry
23
395332023
395332323
395332423
395332523
395332823
395332923
395337023
395337323
395337423
395337523
395337823
395337923
116.84
4.600 111.76 4.400
5.08mm, Euro Plug, Vertical, Front Wire Entry
24
395332024
395332324
395332424
395332524
395332824
395332924
395337024
395337324
395337424
395337524
395337824
395337924
121.92
4.800 116.84 4.600


Similar Part No. - 395332003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395332002 MOLEX5-395332002 Datasheet
223Kb / 5P
    5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 2 Circuits
395332004 MOLEX5-395332004 Datasheet
138Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 4 Circuits
395332005 MOLEX5-395332005 Datasheet
138Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 5 Circuits
395332006 MOLEX5-395332006 Datasheet
138Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 6 Circuits
395332007 MOLEX5-395332007 Datasheet
138Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com