Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0358431235 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0358431235
Description  PT Bulb Socket, Sealed, Single Housing Assembly, Type EC, Gray
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0358431235 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0358431235 Datasheet HTML 1Page - Molex Electronics Ltd. 0358431235 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0358431235
Status:
Active
Description:
PT Bulb Socket, Sealed, Single Housing Assembly, Type EC, Gray
Documents:
3D Model
Product Specification PS-35842-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
35843
Comments
EC-Type
Component Type
Socket
Product Name
Bulb Socket
Physical
Circuits (Loaded)
2
Color - Resin
Gray
Durability (mating cycles max)
30
Entry Angle
Vertical
Keying to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Resin
Nylon
PCB Locator
No
PCB Retention
N/A
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A, 7A
Voltage - Maximum
12V
Material Info
Reference - Drawing Numbers
Product Specification
PS-35842-001
Sales Drawing
SD-35843-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35843Series
Mates With
Lamp
Use With
35464 Positive Terminal for PT Bulb Socket,
35465 Earth Terminal for PT Bulb Socket
This document was generated on 03/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0358431235

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0358431230 MOLEX5-0358431230 Datasheet
156Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Natural
0358431236 MOLEX5-0358431236 Datasheet
156Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type EC, White
0358431237 MOLEX5-0358431237 Datasheet
156Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type EC, Brown
More results

Similar Description - 0358431235

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0358432235 MOLEX5-0358432235 Datasheet
153Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type EC
0358431237 MOLEX5-0358431237 Datasheet
156Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type EC, Brown
0358431236 MOLEX5-0358431236 Datasheet
156Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type EC, White
358431230 MOLEX-358431230 Datasheet
117Kb / 1P
   SEALED PT BULB SOCKET SINGLE HOUSING ASSY(EC-TYPE)
2006/04/15
0358431225 MOLEX5-0358431225 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Gray
0358431215 MOLEX5-0358431215 Datasheet
150Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type B, Gray
0358431245 MOLEX5-0358431245 Datasheet
155Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type D, Gray
0358431205 MOLEX5-0358431205 Datasheet
155Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type A, Gray
0358421305 MOLEX5-0358421305 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type A, Gray
0358421315 MOLEX5-0358421315 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type B, Gray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com