Electronic Components Datasheet Search |
|
A-41772-0478 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
A-41772-0478 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 10 page This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0417720478 Status: Active Description: 3.96mm (.156") Pitch KK® Solid Header, Right Angle, without Peg, 17 Circuits, 0.38µm (15µ") Gold (Au) Selective Plating Documents: 3D Model Product Specification PS-08-50 (PDF) Packaging Specification (PDF) RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 41772 Application Board-to-Board, Wire-to-Board Product Name KK® Physical Breakaway No Circuits (Loaded) 17 Circuits (maximum) 17 Durability (mating cycles max) 100 Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part None Material - Plating Mating Gold Number of Rows 1 Orientation Right Angle PC Tail Length (in) 0.140 In PC Tail Length (mm) 3.56 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Bag Pitch - Mating Interface (in) 0.156 In Pitch - Mating Interface (mm) 3.96 mm Plating min: Mating (µin) 15 Plating min: Mating (µm) 0.38 Polarized to Mating Part Yes Polarized to PCB No Shrouded Partial Stackable Yes Temperature Range - Operating 0°C to +75°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 7A Voltage - Maximum 250V Solder Process Data Duration at Max. Process Temperature (seconds) 5 Lead-free Process Capability Wave Capable (TH only) Max. Cycles at Max. Process Temperature 1 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 41772Series Mates With 3069 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , L ink:41815 |
Similar Part No. - A-41772-0478 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |