Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0357251400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0357251400
Description  6.35mm (.250") Tab Slip-In Wire-to-Wire Terminal, Male, 14-18 AWG, Unplated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357251400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0357251400 Datasheet HTML 1Page - Molex Electronics Ltd. 0357251400 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357251400
Status:
Active
Description:
6.35mm (.250") Tab Slip-In Wire-to-Wire Terminal, Male, 14-18 AWG, Unplated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35725-001 (PDF)
General
Product Family
Crimp Terminals
Series
35725
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Unplated
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.60mm (.142") max.
Wire Size AWG
14, 16, 18
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35725-001
Sales Drawing
SD-35725-1**0
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35725Series
Mates With
35725-33xx|35725-34xx|35725-35xx|
35725-53**
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0357251400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357251410 MOLEX5-0357251410 Datasheet
80Kb / 2P
   6.35mm (.250") Tab Slip-In Wire-to-Wire Terminal, Male, 14-18 AWG, Post-Tin Plated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com