Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1170H251B-T2 Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1170H251B-T2
Description  800mA LDO REGULATOR????
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1170H251B-T2 Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1170H251B-T2 Datasheet HTML 5Page - RICOH electronics devices division R1170H251B-T2 Datasheet HTML 6Page - RICOH electronics devices division R1170H251B-T2 Datasheet HTML 7Page - RICOH electronics devices division R1170H251B-T2 Datasheet HTML 8Page - RICOH electronics devices division R1170H251B-T2 Datasheet HTML 9Page - RICOH electronics devices division R1170H251B-T2 Datasheet HTML 10Page - RICOH electronics devices division R1170H251B-T2 Datasheet HTML 11Page - RICOH electronics devices division R1170H251B-T2 Datasheet HTML 12Page - RICOH electronics devices division R1170H251B-T2 Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Rev. 1.10
-9-
R1170X301B
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
23456
Input Voltage VIN(V)
IOUT = 1mA
IOUT = 100mA
IOUT = 300mA
IOUT = 10mA
R1170X401B
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
3.5
4
4.5
5
5.5
6
Input Voltage VIN(V)
IOUT = 1mA IOUT = 10mA
IOUT=100mA
IOUT=300mA
3)Dropout Voltage vs. Output Current
R1170X151B
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0
100
200
300
400
500
Output Current IOUT(mA)
R1170X201B
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
100
200
300
400
500
Output Current IOUT(mA)
R1170X301B
0
0.05
0.1
0.15
0.2
0.25
0.3
0
100
200
300
400
500
Output Current IOUT(mA)
R1170X401B
0
0.05
0.1
0.15
0.2
0.25
0
100
200
300
400
500
Output Current IOUT(mA)
85
°C
25
°C
-40
°C
85
°C
25
°C
-40
°C
-40
°C
25
°C
85
°C
85
°C
25
°C
-40
°C


Similar Part No. - R1170H251B-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170H251B-T1-FE RICOH-R1170H251B-T1-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
More results

Similar Description - R1170H251B-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com