Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0391000811 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0391000811
Description  8.00mm (.315") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 11 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0391000811 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0391000811 Datasheet HTML 1Page - Molex Electronics Ltd. 0391000811 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0391000811
Status:
Active
Description:
8.00mm (.315") Pitch Beau™ Eurostyle™ Two-Screw Terminal Strips, 11 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
25562
UL
E82573
General
Product Family
Terminal Blocks
Series
39100
Application
Wire-to-Wire
Component Type
One Piece
Product Literature Order No
USA-303
Product Name
Eurostyle™Two Screw
Type
Euro Block
Physical
Circuits (Loaded)
11
Entry Angle
Horizontal
Flammability
94V-2
Lock to Mating Part
None
Number of Rows
2
Orientation
Vertical
PCB Retention
Yes
Panel Mount
Mounting Holes Between Circuit
Pitch - Mating Interface (in)
0.315 In
Pitch - Mating Interface (mm)
8.00 mm
Pitch - Term. Interface (in)
0.315 In
Pitch - Term. Interface (mm)
8.00 mm
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
100°C
Wire Size AWG
12, 14, 16, 18, 20, 22
Electrical
Current - Maximum per Contact
20A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-39100-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39100Series
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0391000811

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0391000810 MOLEX5-0391000810 Datasheet
133Kb / 2P
   8.00mm (.315") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 10 Circuits
0391000812 MOLEX5-0391000812 Datasheet
133Kb / 2P
   8.00mm (.315") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 12 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com