Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43202-8818 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43202-8818
Description  Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43202-8818 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43202-8818 Datasheet HTML 1Page - Molex Electronics Ltd. 43202-8818 Datasheet HTML 2Page - Molex Electronics Ltd. 43202-8818 Datasheet HTML 3Page - Molex Electronics Ltd. 43202-8818 Datasheet HTML 4Page - Molex Electronics Ltd. 43202-8818 Datasheet HTML 5Page - Molex Electronics Ltd. 43202-8818 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0432028818
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs,
without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
Documents:
3D Model
Product Specification PS-43202-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
43202
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43202Series
Mates With
FCC 68 Plugs


Similar Part No. - 43202-8818

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43202-8810 MOLEX5-43202-8810 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs, without Bottom Grounding Tab, Rear Position PCB Ground Tab, 8/10
43202-8811 MOLEX5-43202-8811 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without
43202-8816 MOLEX5-43202-8816 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, No Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
43202-8817 MOLEX5-43202-8817 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Top Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
43202-8819 MOLEX5-43202-8819 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
More results

Similar Description - 43202-8818

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0432028818 MOLEX1-0432028818_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs,without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028802 MOLEX5-0432028802 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/10
0432028918 MOLEX5-0432028918 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028826 MOLEX5-0432028826 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs, without Bottom Grounding Tab, Rear Position PCB Ground Tab, 8/8
0432028817 MOLEX5-0432028817 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Top Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028816 MOLEX1-0432028816_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, No Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028816 MOLEX5-0432028816 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, No Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028819 MOLEX5-0432028819 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028819 MOLEX1-0432028819_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028902 MOLEX5-0432028902 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com