Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41662-0036 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 41662-0036
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 24 Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41662-0036 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 41662-0036 Datasheet HTML 6Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 7Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 8Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 9Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 10Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 11Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 12Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 13Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 14Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0149
AH7
DATE:
8/11/2009
TITLE:
KK .156 HEADER ASSEMBLY
FLAT BREAKAWAY, 2-24 CKTS.
- 9 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41662 -001
MKIPPER
SSOUSEK
FSMITH
0TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-41662-ANZ102-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
2161-24(102)
PLATING
102
PIN LENGTH: L
20.32 / .800
MATING LENGTH: X
9.27 / .365
GOLD POINT: G
N/A
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
4.12 / .162
TIN: T
OVERALL
CKTS:
2-24
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
41662-0207
-A02Z102
41662-0224
-A19Z102
41662-0208
-A03Z102
41662-0225
-A20Z102
41662-0209
-A04Z102
41662-0226
-A21Z102
41662-0210
-A05Z102
41662-0227
-A22Z102
41662-0211
-A06Z102
41662-0228
-A23Z102
41662-0212
-A07Z102
41662-0229
-A24Z102
41662-0213
-A08Z102
41662-0214
-A09Z102
41662-0215
-A10Z102
41662-0216
-A11Z102
41662-0217
-A12Z102
41662-0218
-A13Z102
41662-0219
-A14Z102
41662-0220
-A15Z102
41662-0221
-A16Z102
41662-0222
-A17Z102
41662-0223
-A18Z102
A-41662-ANAA102-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
2161-62(102)
PLATING
102
PIN LENGTH: L
24.89 / .980
MATING LENGTH: X
6.98 / .275
GOLD POINT: G
N/A
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
10.98 / .432
TIN: T
OVERALL
CKTS:
2-24
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
41662-0500
-A02AA102
41662-0517
-A19AA102
41662-0501
-A03AA102
41662-0518
-A20AA102
41662-0502
-A04AA102
41662-0519
-A21AA102
41662-0503
-A05AA102
41662-0520
-A22AA102
41662-0504
-A06AA102
41662-0521
-A23AA102
41662-0505
-A07AA102
41662-0522
-A24AA102
41662-0506
-A08AA102
41662-0507
-A09AA102
41662-0508
-A10AA102
41662-0509
-A11AA102
41662-0510
-A12AA102
41662-0511
-A13AA102
41662-0512
-A14AA102
41662-0513
-A15AA102
41662-0514
-A16AA102
41662-0515
-A17AA102
41662-0516
-A18AA102


Similar Part No. - 41662-0036

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41662-0036 MOLEX11-41662-0036 Datasheet
57Kb / 2P
   KK 396 Breakaway Header, Right-Angle, 14 Circuits, 0.76um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com