Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395283010 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395283010
Description  5.00mm (.197") Pitch Eurostyle??Vertical PCB Dual Level Header, Closed Ends, 10 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395283010 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395283010 Datasheet HTML 1Page - Molex Electronics Ltd. 395283010 Datasheet HTML 2Page - Molex Electronics Ltd. 395283010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
Dimensional Information
Dim. A
Dim B
Circuit
size
100% Tin
30 u" Gold
100% Tin
30 u" Gold
mm
inch
mm
inch
4
395283004
395283504
395288004
395288504
12.00
0.472
5.00
0.197
6
395283006
395283506
395288006
395288506
17.00
0.669
10.00
0.394
8
395283008
395283508
395288008
395288508
22.00
0.866
15.00
0.591
10
395283010
395283510
395288010
395288510
27.00
1.063
20.00
0.787
12
395283012
395283512
395288012
395288512
32.00
1.260
25.00
0.984
14
395283014
395283514
395288014
395288514
37.00
1.457
30.00
1.181
16
395283016
395283516
395288016
395288516
42.00
1.654
35.00
1.378
18
395283018
395283518
395288018
395288518
47.00
1.850
40.00
1.575
20
395283020
395283520
395288020
395288520
52.00
2.047
45.00
1.772
22
395283022
395283522
395288022
395288522
57.00
2.244
50.00
1.969
24
395283024
395283524
395288024
395288524
62.00
2.441
55.00
2.165
26
395283026
395283526
395288026
395288526
67.00
2.638
60.00
2.362
28
395283028
395283528
395288028
395288528
72.00
2.835
65.00
2.559
30
395283030
395283530
395288030
395288530
77.00
3.031
70.00
2.756
32
395283032
395283532
395288032
395288532
82.00
3.228
75.00
2.953
34
395283034
395283534
395288034
395288534
87.00
3.425
80.00
3.150
36
395283036
395283536
395288036
395288536
92.00
3.622
85.00
3.346
38
395283038
395283538
395288038
395288538
97.00
3.819
90.00
3.543
40
395283040
395283540
395288040
395288540
102.00
4.016
95.00
3.740
42
395283042
395283542
395288042
395288542
107.00
4.213
100.00
3.937
44
395283044
395283544
395288044
395288544
112.00
4.409
105.00
4.134
46
395283046
395283546
395288046
395288546
117.00
4.606
110.00
4.331
48
395283048
395283548
395288048
395288548
122.00
4.803
115.00
4.528


Similar Part No. - 395283010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395283012 MOLEX5-395283012 Datasheet
144Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Vertical PCB Dual Level Header, Closed Ends, 12 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com