Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395172004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 395172004
Description  3.81mm (.150") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 4 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395172004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  395172004 Datasheet HTML 1Page - Molex Electronics Ltd. 395172004 Datasheet HTML 2Page - Molex Electronics Ltd. 395172004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 02/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0395172004
Status:
Active
Description:
3.81mm (.150") Pitch Eurostyle™ Vertical Plug, with Retention Screws, Rear Wire
Entry, 4 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39517
Application
Wire-to-Board
Comments
Rear Wire Entry
Component Type
Plug
Product Literature Order No
USA-355
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
4
Entry Angle
Horizontal
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface (in)
0.150 In
Pitch - Mating Interface (mm)
3.81 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
16, 18, 20, 22, 24, 26, 28, 30
Wire Size mm²
0.05 - 1.31
Electrical
Current - Maximum
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39517-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39517Series
Mates With
Most 3.81mm (.150") Pitch Industry
Standard PCB Headers, 39515 Vertical
PCB Header with Threaded Retention
Inserts, 39516 Horizontal PCB Header with
Threaded Retention Inserts
This document was generated on 02/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 395172004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395172002 MOLEX5-395172002 Datasheet
142Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 2 Circuits
395172003 MOLEX5-395172003 Datasheet
142Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 3 Circuits
395172005 MOLEX5-395172005 Datasheet
142Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 5 Circuits
395172006 MOLEX5-395172006 Datasheet
142Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 6 Circuits
395172007 MOLEX5-395172007 Datasheet
142Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com