Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41792-0536 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 41792-0536
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 10 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41792-0536 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  41792-0536 Datasheet HTML 1Page - Molex Electronics Ltd. 41792-0536 Datasheet HTML 2Page - Molex Electronics Ltd. 41792-0536 Datasheet HTML 3Page - Molex Electronics Ltd. 41792-0536 Datasheet HTML 4Page - Molex Electronics Ltd. 41792-0536 Datasheet HTML 5Page - Molex Electronics Ltd. 41792-0536 Datasheet HTML 6Page - Molex Electronics Ltd. 41792-0536 Datasheet HTML 7Page - Molex Electronics Ltd. 41792-0536 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
41792
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-2821
H6
DATE:
6/23/2008
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK
RIGHT ANGLE W/O PEGS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41792-0019/0035
Group
A-41792-0036/0050
Group
A-41792-0051/0067
Group
Header No:
41790-0002/0018
Header No:
41790-0004/0018
Header No:
41790-0002/0018
Header No:
Pin No:
2161-37(501)
Pin No:
2161-37(102)
Pin No:
2161-64(102)
Pin No:
Plating:
501 – GOLD
Plating:
102 – TIN
Plating:
102 - TIN
Plating:
Pin Length L
27.94 / 1.100
Pin Length L
27.94 / 1.100
Pin Length L
29.85 / 1.175
Pin Length L
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
13.28 / .523
Mating
M
Gold Loc G
OVERALL
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
PC Tail
P
3.96/ .156
PC Tail
P
3.96/ .156
PC Tail
P
4.01 / .158
PC Tail
P
Tin Loc
T
N/A
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
Voided Ckts
NONE
Voided Ckts
4
Voided Ckts
NONE
Voided Ckts
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-61-5020
A-41792-0019
3
26-61-5030
A-41792-0020
4
26-61-5040
A-41792-0021
26-61-5043
A-41792-0036
26-60-5041
A-41792-0053
5
26-61-5050
A-41792-0022
26-61-5053
A-41792-0037
6
26-61-5060
A-41792-0023
26-61-5063
A-41792-0038
7
26-61-5070
A-41792-0024
26-61-5073
A-41792-0039
8
26-61-5080
A-41792-0025
26-61-5083
A-41792-0040
9
26-61-5090
A-41792-0026
26-61-5093
A-41792-0041
10
26-61-5100
A-41792-0027
26-61-5103
A-41792-0042
11
26-61-5110
A-41792-0028
26-61-5113
A-41792-0043
12
26-61-5120
A-41792-0029
26-61-5123
A-41792-0044
13
26-61-5130
A-41792-0030
26-61-5133
A-41792-0045
14
26-61-5140
A-41792-0031
26-61-5143
A-41792-0046
15
26-61-5150
A-41792-0032
26-61-5153
A-41792-0047
16
26-61-5160
A-41792-0033
26-61-5163
A-41792-0048
17
26-61-5170
A-41792-0034
26-61-5173
A-41792-0049
18
26-61-5180
A-41792-0035
26-61-5183
A-41792-0050


Similar Part No. - 41792-0536

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41792-0531 MOLEX5-41792-0531 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 5 Circuits
41792-0532 MOLEX5-41792-0532 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 6 Circuits
41792-0534 MOLEX5-41792-0534 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 8 Circuits
41792-0535 MOLEX5-41792-0535 Datasheet
214Kb / 8P
    3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 9 Circuits
41792-0538 MOLEX5-41792-0538 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 12 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com