Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4E170812D Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4E170812D
Description  2M x 8Bit CMOS Dynamic RAM with Extended Data Out
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4E170812D Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4E170812D Datasheet HTML 2Page - Samsung semiconductor K4E170812D Datasheet HTML 3Page - Samsung semiconductor K4E170812D Datasheet HTML 4Page - Samsung semiconductor K4E170812D Datasheet HTML 5Page - Samsung semiconductor K4E170812D Datasheet HTML 6Page - Samsung semiconductor K4E170812D Datasheet HTML 7Page - Samsung semiconductor K4E170812D Datasheet HTML 8Page - Samsung semiconductor K4E170812D Datasheet HTML 9Page - Samsung semiconductor K4E170812D Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
K4E170811D, K4E160811D
CMOS DRAM
K4E170812D, K4E160812D
AC CHARACTERISTICS (Continued)
Parameter
Symbol
-50
-60
Units
Notes
Min
Max
Min
Max
Data set-up time
tDS
0
0
ns
9
Data hold time
tDH
8
10
ns
9
Refresh period (2K, Normal)
tREF
32
32
ms
Refresh period (4K, Normal)
tREF
64
64
ms
Refresh period (L-ver)
tREF
128
128
ms
Write command set-up time
tWCS
0
0
ns
7
CAS to W delay time
tCWD
30
34
ns
7
RAS to W delay time
tRWD
67
79
ns
7
Column address to W delay time
tAWD
42
49
ns
7
CAS precharge to W delay time
tCPWD
47
54
ns
CAS set-up time (CAS -before-RAS refresh)
tCSR
5
5
ns
CAS hold time (CAS -before-RAS refresh)
tCHR
10
10
ns
RAS to CAS precharge time
tRPC
5
5
ns
Access time from CAS precharge
tCPA
28
35
ns
3
Hyper Page cycle time
tHPC
20
25
ns
13
Hyper Page read-modify-write cycle time
tHPRWC
47
56
ns
13
CAS precharge time (Hyper Page cycle)
tCP
8
10
ns
RAS pulse width (Hyper Page cycle)
tRASP
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
30
35
ns
OE access time
tOEA
13
15
ns
OE to data delay
tOED
13
15
ns
Output buffer turn off delay time from OE
tOEZ
3
13
3
15
ns
6
OE command hold time
tOEH
13
15
ns
Write command set-up time (Test mode in)
tWTS
10
10
ns
11
Write command hold time (Test mode in)
tWTH
10
10
ns
11
W to RAS precharge time(C-B-R refresh)
tWRP
10
10
ns
W to RAS hold time(C-B-R refresh)
tWRH
10
10
ns
Output data hold time
tDOH
5
5
ns
Output buffer turn off delay from RAS
tREZ
3
13
3
15
ns
6,14
Output buffer turn off delay from W
tWEZ
3
13
3
15
ns
6
W to data delay
tWED
15
15
ns
OE to CAS hold time
tOCH
5
5
ns
CAS hold time to OE
tCHO
5
5
ns
OE precharge time
tOEP
5
5
ns
W pulse width (Hyper Page Cycle)
tWPE
5
5
ns
RAS pulse width (C-B-R self refresh)
tRASS
100
100
us
15,16,17
RAS precharge time (C-B-R self refresh)
tRPS
90
110
ns
15,16,17
CAS hold time (C-B-R self refresh)
tCHS
-50
-50
ns
15,16,17


Similar Part No. - K4E170812D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
K4E170412D SAMSUNG-K4E170412D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
More results

Similar Description - K4E170812D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM48C8004B SAMSUNG-KM48C8004B Datasheet
383Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8004B SAMSUNG-KM48V8004B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812C SAMSUNG-K4E660812C Datasheet
416Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812B SAMSUNG-K4E660812B Datasheet
416Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8004C SAMSUNG-KM48V8004C Datasheet
388Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812E SAMSUNG-K4E660812E Datasheet
190Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com