Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35711-0600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35711-0600
Description  2.79mm (.110") Slip-In Receptacle, Quick Disconnect, 0.50mm (.020") Tab Thickness, Wire Range 20-22 AWG (0.52-0.33mm짼), Unplated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

35711-0600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35711-0600 Datasheet HTML 1Page - Molex Electronics Ltd. 35711-0600 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357110600
Status:
Active
Description:
2.79mm (.110") Slip-In Receptacle, Quick Disconnect, 0.50mm (.020") Tab Thickness,
Wire Range 20-22 AWG (0.52-0.33mm²), Unplated
Documents:
Drawing (PDF)
Product Specification PS-35711-001 (PDF)
Product Specification PS-35112-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Quick Disconnects
Series
35711
Crimp Quality Equipment
Yes
Product Name
Slip-In
Type
Quick Disconnect
Physical
Barrel Type
Open
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Reel
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
2.79mm (.110")
Temperature Range - Operating
-40°C to +120°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.50-2.40mm (.059-.095") max.
Wire Size AWG
20, 22
Wire Size mm²
0.33 - 0.52
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Reference - Drawing Numbers
Product Specification
PS-35112-001, PS-35711-001
Sales Drawing
SD-35711-060
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35711Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35711-0600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35711-0610 MOLEX5-35711-0610 Datasheet
99Kb / 2P
   2.79mm (.110") Slip-In Receptacle, Quick Disconnect, 0.50mm (.020") Tab Thickness, Wire Range 20-22 AWG (0.52-0.33mm짼), Post-Tin Plated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com