Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4F160411D Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4F160411D
Description  4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F160411D Datasheet(HTML) 4 Page - Samsung semiconductor

  K4F160411D Datasheet HTML 1Page - Samsung semiconductor K4F160411D Datasheet HTML 2Page - Samsung semiconductor K4F160411D Datasheet HTML 3Page - Samsung semiconductor K4F160411D Datasheet HTML 4Page - Samsung semiconductor K4F160411D Datasheet HTML 5Page - Samsung semiconductor K4F160411D Datasheet HTML 6Page - Samsung semiconductor K4F160411D Datasheet HTML 7Page - Samsung semiconductor K4F160411D Datasheet HTML 8Page - Samsung semiconductor K4F160411D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
K4F170411D, K4F160411D
CMOS DRAM
K4F170412D, K4F160412D
*Note : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6 address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one fast page mode cycle time, tPC.
DC AND OPERATING CHARACTERISTICS (Continued)
ICC1* : Operating Current (RAS and CAS, Address cycling @tRC=min.)
ICC2 : Standby Current (RAS=CAS=W=VIH)
ICC3* : RAS-only Refresh Current (CAS=VIH, RAS, Address cycling @tRC=min.)
ICC4* : Fast Page Mode Current (RAS=VIL, CAS, Address cycling @tPC=min.)
ICC5 : Standby Current (RAS=CAS=W=VCC-0.2V)
ICC6* : CAS-Before-RAS Refresh Current (RAS and CAS cycling @tRC=min.)
ICC7 : Battery back-up current, Average power supply current, Battery back-up mode
Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, CAS=0.2V,
DQ=Don
′t care, TRC=31.25us(4K/L-ver), 62.5us(2K/L-ver), TRAS=TRASmin~300ns
ICCS : Self Refresh Current
RAS=CAS=0.2V, W=OE=A0 ~ A11=VCC-0.2V or 0.2V,
DQ0 ~ DQ3=VCC-0.2V, 0.2V or Open
Symbol
Power
Speed
Max
Units
K4F170412D
K4F160412D
K4F170411D
K4F160411D
ICC1
Don
′t care
-50
-60
90
80
110
100
90
80
110
100
mA
mA
ICC2
Normal
L
Don
′t care
1
1
1
1
2
1
2
1
mA
mA
ICC3
Don
′t care
-50
-60
90
80
110
100
90
80
110
100
mA
mA
ICC4
Don
′t care
-50
-60
80
70
90
80
80
70
90
80
mA
mA
ICC5
Normal
L
Don
′t care
0.5
200
0.5
200
1
250
1
250
mA
uA
ICC6
Don
′t care
-50
-60
90
80
110
100
90
80
110
100
mA
mA
ICC7
L
Don
′t care
250
250
300
300
uA
ICCS
L
Don
′t care
200
200
250
250
uA


Similar Part No. - K4F160411D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F160411C SAMSUNG-K4F160411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160411C-B SAMSUNG-K4F160411C-B Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160411C-F SAMSUNG-K4F160411C-F Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - K4F160411D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F660412D SAMSUNG-K4F660412D Datasheet
367Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C16000B SAMSUNG-KM44C16000B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM41C4000D SAMSUNG-KM41C4000D Datasheet
340Kb / 20P
   4M x 1Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com