Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0395033008 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0395033008
Description  3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 8 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395033008 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0395033008 Datasheet HTML 1Page - Molex Electronics Ltd. 0395033008 Datasheet HTML 2Page - Molex Electronics Ltd. 0395033008 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
M aterial Numbers
Black
G reen
100% Tin
30 u" G old
100% Tin
30 u" Gold
Dimensional Inform ation
Printing O ptions
Printing Options
Printing Options
Printing Options
Dim . A
Dim B
Circuit size
None
10A V
11AV
None
10AV
11AV
N one
10AV
11AV
None
10AV
11AV
mm
inch
m m
inch
2
395033002
395033302
395033402
395033502
395033802
395033902
395038002
395038302
395038402
395038502
395038802
395038902
8.1
0.32
3.5
0.14
3
395033003
395033303
395033403
395033503
395033803
395033903
395038003
395038303
395038403
395038503
395038803
395038903
11.6
0.46
7.0
0.28
4
395033004
395033304
395033404
395033504
395033804
395033904
395038004
395038304
395038404
395038504
395038804
395038904
15.1
0.59
10.5
0.41
5
395033005
395033305
395033405
395033505
395033805
395033905
395038005
395038305
395038405
395038505
395038805
395038905
18.6
0.73
14.0
0.55
6
395033006
395033306
395033406
395033506
395033806
395033906
395038006
395038306
395038406
395038506
395038806
395038906
22.1
0.87
17.5
0.69
7
395033007
395033307
395033407
395033507
395033807
395033907
395038007
395038307
395038407
395038507
395038807
395038907
25.6
1.01
21.0
0.83
8
395033008
395033308
395033408
395033508
395033808
395033908
395038008
395038308
395038408
395038508
395038808
395038908
29.1
1.15
24.5
0.97
9
395033009
395033309
395033409
395033509
395033809
395033909
395038009
395038309
395038409
395038509
395038809
395038909
32.6
1.28
28.0
1.10
10
395033010
395033310
395033410
395033510
395033810
395033910
395038010
395038310
395038410
395038510
395038810
395038910
36.1
1.42
31.5
1.24
11
395033011
395033311
395033411
395033511
395033811
395033911
395038011
395038311
395038411
395038511
395038811
395038911
39.6
1.56
35.0
1.38
12
395033012
395033312
395033412
395033512
395033812
395033912
395038012
395038312
395038412
395038512
395038812
395038912
43.1
1.70
38.5
1.52
13
395033013
395033313
395033413
395033513
395033813
395033913
395038013
395038313
395038413
395038513
395038813
395038913
46.6
1.84
42.0
1.65
14
395033014
395033314
395033414
395033514
395033814
395033914
395038014
395038314
395038414
395038514
395038814
395038914
50.1
1.97
45.5
1.79
15
395033015
395033315
395033415
395033515
395033815
395033915
395038015
395038315
395038415
395038515
395038815
395038915
53.6
2.11
49.0
1.93
16
395033016
395033316
395033416
395033516
395033816
395033916
395038016
395038316
395038416
395038516
395038816
395038916
57.1
2.25
52.5
2.07
17
395033017
395033317
395033417
395033517
395033817
395033917
395038017
395038317
395038417
395038517
395038817
395038917
60.6
2.39
56.0
2.21
18
395033018
395033318
395033418
395033518
395033818
395033918
395038018
395038318
395038418
395038518
395038818
395038918
64.1
2.52
59.5
2.34
19
395033019
395033319
395033419
395033519
395033819
395033919
395038019
395038319
395038419
395038519
395038819
395038919
67.6
2.66
63.0
2.48
20
395033020
395033320
395033420
395033520
395033820
395033920
395038020
395038320
395038420
395038520
395038820
395038920
71.1
2.80
66.5
2.62


Similar Part No. - 0395033008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395033002 MOLEX5-0395033002 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle Vertical Plug, Front Wire Entry, 2 Circuits
0395033003 MOLEX5-0395033003 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 3 Circuits
0395033004 MOLEX5-0395033004 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 4 Circuits
0395033005 MOLEX5-0395033005 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 5 Circuits
0395033006 MOLEX5-0395033006 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com