Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395232008 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395232008
Description  5.00mm (.197") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 8 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395232008 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395232008 Datasheet HTML 1Page - Molex Electronics Ltd. 395232008 Datasheet HTML 2Page - Molex Electronics Ltd. 395232008 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
5.0mm, Euro Plug, Vertical, Front Wire Entry
2
395232002
395232302
395232402
395232502
395232802
395232902
395237002
395237302
395237402
395237502
395237802
395237902
10.00
0.394
5.00
0.197
5.0mm, Euro Plug, Vertical, Front Wire Entry
3
395232003
395232303
395232403
395232503
395232803
395232903
395237003
395237303
395237403
395237503
395237803
395237903
15.00
0.591
10.00
0.394
5.0mm, Euro Plug, Vertical, Front Wire Entry
4
395232004
395232304
395232404
395232504
395232804
395232904
395237004
395237304
395237404
395237504
395237804
395237904
20.00
0.787
15.00
0.591
5.0mm, Euro Plug, Vertical, Front Wire Entry
5
395232005
395232305
395232405
395232505
395232805
395232905
395237005
395237305
395237405
395237505
395237805
395237905
25.00
0.984
20.00
0.787
5.0mm, Euro Plug, Vertical, Front Wire Entry
6
395232006
395232306
395232406
395232506
395232806
395232906
395237006
395237306
395237406
395237506
395237806
395237906
30.00
1.181
25.00
0.984
5.0mm, Euro Plug, Vertical, Front Wire Entry
7
395232007
395232307
395232407
395232507
395232807
395232907
395237007
395237307
395237407
395237507
395237807
395237907
35.00
1.378
30.00
1.181
5.0mm, Euro Plug, Vertical, Front Wire Entry
8
395232008
395232308
395232408
395232508
395232808
395232908
395237008
395237308
395237408
395237508
395237808
395237908
40.00
1.575
35.00
1.378
5.0mm, Euro Plug, Vertical, Front Wire Entry
9
395232009
395232309
395232409
395232509
395232809
395232909
395237009
395237309
395237409
395237509
395237809
395237909
45.00
1.772
40.00
1.575
5.0mm, Euro Plug, Vertical, Front Wire Entry
10
395232010
395232310
395232410
395232510
395232810
395232910
395237010
395237310
395237410
395237510
395237810
395237910
50.00
1.969
45.00
1.772
5.0mm, Euro Plug, Vertical, Front Wire Entry
11
395232011
395232311
395232411
395232511
395232811
395232911
395237011
395237311
395237411
395237511
395237811
395237911
55.00
2.165
50.00
1.969
5.0mm, Euro Plug, Vertical, Front Wire Entry
12
395232012
395232312
395232412
395232512
395232812
395232912
395237012
395237312
395237412
395237512
395237812
395237912
60.00
2.362
55.00
2.165
5.0mm, Euro Plug, Vertical, Front Wire Entry
13
395232013
395232313
395232413
395232513
395232813
395232913
395237013
395237313
395237413
395237513
395237813
395237913
65.00
2.559
60.00
2.362
5.0mm, Euro Plug, Vertical, Front Wire Entry
14
395232014
395232314
395232414
395232514
395232814
395232914
395237014
395237314
395237414
395237514
395237814
395237914
70.00
2.756
65.00
2.559
5.0mm, Euro Plug, Vertical, Front Wire Entry
15
395232015
395232315
395232415
395232515
395232815
395232915
395237015
395237315
395237415
395237515
395237815
395237915
75.00
2.953
70.00
2.756
5.0mm, Euro Plug, Vertical, Front Wire Entry
16
395232016
395232316
395232416
395232516
395232816
395232916
395237016
395237316
395237416
395237516
395237816
395237916
80.00
3.150
75.00
2.953
5.0mm, Euro Plug, Vertical, Front Wire Entry
17
395232017
395232317
395232417
395232517
395232817
395232917
395237017
395237317
395237417
395237517
395237817
395237917
85.00
3.346
80.00
3.150
5.0mm, Euro Plug, Vertical, Front Wire Entry
18
395232018
395232318
395232418
395232518
395232818
395232918
395237018
395237318
395237418
395237518
395237818
395237918
90.00
3.543
85.00
3.346
5.0mm, Euro Plug, Vertical, Front Wire Entry
19
395232019
395232319
395232419
395232519
395232819
395232919
395237019
395237319
395237419
395237519
395237819
395237919
95.00
3.740
90.00
3.543
5.0mm, Euro Plug, Vertical, Front Wire Entry
20
395232020
395232320
395232420
395232520
395232820
395232920
395237020
395237320
395237420
395237520
395237820
395237920
100.00
3.937
95.00
3.740
5.0mm, Euro Plug, Vertical, Front Wire Entry
21
395232021
395232321
395232421
395232521
395232821
395232921
395237021
395237321
395237421
395237521
395237821
395237921
105.00
4.134
100.00
3.937
5.0mm, Euro Plug, Vertical, Front Wire Entry
22
395232022
395232322
395232422
395232522
395232822
395232922
395237022
395237322
395237422
395237522
395237822
395237922
110.00
4.331
105.00
4.134
5.0mm, Euro Plug, Vertical, Front Wire Entry
23
395232023
395232323
395232423
395232523
395232823
395232923
395237023
395237323
395237423
395237523
395237823
395237923
115.00
4.528
110.00
4.331
5.0mm, Euro Plug, Vertical, Front Wire Entry
24
395232024
395232324
395232424
395232524
395232824
395232924
395237024
395237324
395237424
395237524
395237824
395237924
120.00
4.724
115.00
4.528


Similar Part No. - 395232008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395232002 MOLEX5-395232002 Datasheet
136Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 2 Circuits
395232003 MOLEX5-395232003 Datasheet
136Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 3 Circuits
395232004 MOLEX5-395232004 Datasheet
136Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 4 Circuits
395232005 MOLEX5-395232005 Datasheet
136Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 5 Circuits
395232006 MOLEX5-395232006 Datasheet
136Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com