Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE5VT09C-TR Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RE5VT09C-TR
Description  LOW VOLTAGE DETECTOR?
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5VT09C-TR Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RE5VT09C-TR Datasheet HTML 4Page - RICOH electronics devices division RE5VT09C-TR Datasheet HTML 5Page - RICOH electronics devices division RE5VT09C-TR Datasheet HTML 6Page - RICOH electronics devices division RE5VT09C-TR Datasheet HTML 7Page - RICOH electronics devices division RE5VT09C-TR Datasheet HTML 8Page - RICOH electronics devices division RE5VT09C-TR Datasheet HTML 9Page - RICOH electronics devices division RE5VT09C-TR Datasheet HTML 10Page - RICOH electronics devices division RE5VT09C-TR Datasheet HTML 11Page - RICOH electronics devices division RE5VT09C-TR Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
R
×5VT
4
R
×5VT×××××× ←Part Number
↑ ↑ ↑ ↑
a
b c d
e
SELECTION GUIDE
The package type, the detector threshold, the output type, the packing type, and the taping type of R
×5VT
series can be designating at the user's request by specifying the part number as follows:
For example, the product with Package Type SOT-89, Detector Threshold 3.5V, Output Type Nch Open Drain
and Taping Type T1, is designated by Part Number RH5VT35AA-T1.
Code
Contents
Designation of Package Type:
E: TO-92
a
H: SOT-89 (Mini-power Mold)
N: SOT-23-5 (Mini-mold)
b
Setting Detector Threshold (–VDET):
Stepwise setting with a step of 0.1V in the range of 0.9V to 6.0V is possible.
Designation of Output Type:
c
A: Nch Open Drain
C: CMOS
Designation of Packing Type:
d
A: Taping
C: Antistatic bag for TO-92 and samples
Designation of Taping Type:
Ex. TO-92:
RF, RR, TZ
e
SOT-89:
T1, T2
SOT-23-5:
TR, TL
(refer to Taping Specifications)
“TZ”, “T1” and “TR” are prescribed as a standard


Similar Part No. - RE5VT09C-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5VL27A RICOH-RE5VL27A Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RE5VL27A-RF RICOH-RE5VL27A-RF Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RE5VL27A-RR RICOH-RE5VL27A-RR Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RE5VL27A-T1 RICOH-RE5VL27A-T1 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RE5VL27A-T2 RICOH-RE5VL27A-T2 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
More results

Similar Description - RE5VT09C-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com