Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0395111002 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0395111002
Description  3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, 2 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395111002 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0395111002 Datasheet HTML 1Page - Molex Electronics Ltd. 0395111002 Datasheet HTML 2Page - Molex Electronics Ltd. 0395111002 Datasheet HTML 3Page - Molex Electronics Ltd. 0395111002 Datasheet HTML 4Page - Molex Electronics Ltd. 0395111002 Datasheet HTML 5Page - Molex Electronics Ltd. 0395111002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
3.81mm, Euro Header, Vertical
2
395111002
395111302
395111402
395111502
395111802
395111902
395116002
395116302
395116402
395116502
395116802
395116902
9.01
0.355
3.81
0.150
3.81mm, Euro Header, Vertical
3
395111003
395111303
395111403
395111503
395111803
395111903
395116003
395116303
395116403
395116503
395116803
395116903
12.82
0.505
7.62
0.300
3.81mm, Euro Header, Vertical
4
395111004
395111304
395111404
395111504
395111804
395111904
395116004
395116304
395116404
395116504
395116804
395116904
16.63
0.655
11.43
0.450
3.81mm, Euro Header, Vertical
5
395111005
395111305
395111405
395111505
395111805
395111905
395116005
395116305
395116405
395116505
395116805
395116905
20.44
0.805
15.24
0.600
3.81mm, Euro Header, Vertical
6
395111006
395111306
395111406
395111506
395111806
395111906
395116006
395116306
395116406
395116506
395116806
395116906
24.25
0.955
19.05
0.750
3.81mm, Euro Header, Vertical
7
395111007
395111307
395111407
395111507
395111807
395111907
395116007
395116307
395116407
395116507
395116807
395116907
28.06
1.105
22.86
0.900
3.81mm, Euro Header, Vertical
8
395111008
395111308
395111408
395111508
395111808
395111908
395116008
395116308
395116408
395116508
395116808
395116908
31.87
1.255
26.67
1.050
3.81mm, Euro Header, Vertical
9
395111009
395111309
395111409
395111509
395111809
395111909
395116009
395116309
395116409
395116509
395116809
395116909
35.68
1.405
30.48
1.200
3.81mm, Euro Header, Vertical
10
395111010
395111310
395111410
395111510
395111810
395111910
395116010
395116310
395116410
395116510
395116810
395116910
39.49
1.555
34.29
1.350
3.81mm, Euro Header, Vertical
11
395111011
395111311
395111411
395111511
395111811
395111911
395116011
395116311
395116411
395116511
395116811
395116911
43.30
1.705
38.10
1.500
3.81mm, Euro Header, Vertical
12
395111012
395111312
395111412
395111512
395111812
395111912
395116012
395116312
395116412
395116512
395116812
395116912
47.11
1.855
41.91
1.650
3.81mm, Euro Header, Vertical
13
395111013
395111313
395111413
395111513
395111813
395111913
395116013
395116313
395116413
395116513
395116813
395116913
50.92
2.005
45.72
1.800
3.81mm, Euro Header, Vertical
14
395111014
395111314
395111414
395111514
395111814
395111914
395116014
395116314
395116414
395116514
395116814
395116914
54.73
2.155
49.53
1.950
3.81mm, Euro Header, Vertical
15
395111015
395111315
395111415
395111515
395111815
395111915
395116015
395116315
395116415
395116515
395116815
395116915
58.54
2.305
53.34
2.100
3.81mm, Euro Header, Vertical
16
395111016
395111316
395111416
395111516
395111816
395111916
395116016
395116316
395116416
395116516
395116816
395116916
62.35
2.455
57.15
2.250
3.81mm, Euro Header, Vertical
17
395111017
395111317
395111417
395111517
395111817
395111917
395116017
395116317
395116417
395116517
395116817
395116917
66.16
2.605
60.96
2.400
3.81mm, Euro Header, Vertical
18
395111018
395111318
395111418
395111518
395111818
395111918
395116018
395116318
395116418
395116518
395116818
395116918
69.97
2.755
64.77
2.550
3.81mm, Euro Header, Vertical
19
395111019
395111319
395111419
395111519
395111819
395111919
395116019
395116319
395116419
395116519
395116819
395116919
73.78
2.905
68.58
2.700
3.81mm, Euro Header, Vertical
20
395111020
395111320
395111420
395111520
395111820
395111920
395116020
395116320
395116420
395116520
395116820
395116920
77.59
3.055
72.39
2.850


Similar Part No. - 0395111002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395111003 MOLEX5-0395111003 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, 3 Circuits
0395111004 MOLEX5-0395111004 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, 4 Circuits
0395111005 MOLEX5-0395111005 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, 5 Circuits
0395111006 MOLEX5-0395111006 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, 6 Circuits
0395111007 MOLEX5-0395111007 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, 7 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com