Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39373-0008 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39373-0008
Description  7.50mm (.295") Beau??Eurostyle??Horizontal PCB Header, Closed Ends, 8 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

39373-0008 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39373-0008 Datasheet HTML 1Page - Molex Electronics Ltd. 39373-0008 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0393730008
Status:
Active
Description:
7.50mm (.295") Beau™ Eurostyle™ Horizontal PCB Header, Closed Ends, 8 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39373
Application
Wire-to-Board
Component Type
PCB Header
Product Literature Order No
USA-261
Product Name
Eurostyle™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
8
Circuits (maximum)
8
Entry Angle
90° Angle
Flammability
94V-0
Lock to Mating Part
None
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
1.138 In
PC Tail Length (mm)
3.50 mm
PCB Retention
None
Panel Mount
No
Pitch - Mating Interface (in)
0.295 In
Pitch - Mating Interface (mm)
7.50 mm
Pitch - Term. Interface (in)
0.295 In
Pitch - Term. Interface (mm)
7.50 mm
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
110°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
371908
Reference - Drawing Numbers
Sales Drawing
SD-39373-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39373Series
Mates With
39371 & 39374 Plugs
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39373-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39373-0008 MOLEX11-39373-0008 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 8 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com