Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3131N26AC5-TR Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R3131N26AC5-TR
Description  Low Voltage Detector with built-in Delay Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N26AC5-TR Datasheet(HTML) 5 Page - RICOH electronics devices division

  R3131N26AC5-TR Datasheet HTML 1Page - RICOH electronics devices division R3131N26AC5-TR Datasheet HTML 2Page - RICOH electronics devices division R3131N26AC5-TR Datasheet HTML 3Page - RICOH electronics devices division R3131N26AC5-TR Datasheet HTML 4Page - RICOH electronics devices division R3131N26AC5-TR Datasheet HTML 5Page - RICOH electronics devices division R3131N26AC5-TR Datasheet HTML 6Page - RICOH electronics devices division R3131N26AC5-TR Datasheet HTML 7Page - RICOH electronics devices division R3131N26AC5-TR Datasheet HTML 8Page - RICOH electronics devices division R3131N26AC5-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
4
SELECTION GUIDE
The detector threshold , the output type, and Output delay time of R3130N series can be designated at the user’s
request by specifying the part number as follows:
R3130N×××××-TR ←Part Number
R3131N×××××-TR ←Part Number
↑ ↑↑↑ ↑
abcd e
Code
Contents
a
Setting Detector Threshold (VDET)
Stepwise setting with a step of 0.1V in the range of 1.6V to 4.8V is possible.
The following 6 kinds of voltage are also standard.
2.63V, 2.93V, 3.08V, 4.00V, 4.40V, 4.65V
b
Selection of Output Delay Time
E: 240ms (Standard) A: 50ms B: 100ms D: 200ms H: 400ms
*A, B, D, H versions can be produced only for 6 kinds of standard voltage items.
c
Designation Output type
A: Nch Open Drain
C: CMOS
d
Description of last one digit of 6 kinds of standard voltage items.
e
Designation of Taping Direction
(Refer to Taping Specification)
PIN CONFIGURATION
SOT-23-3
MARK SIDE
3
12


Similar Part No. - R3131N26AC5-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3131N RICOH-R3131N Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
More results

Similar Description - R3131N26AC5-TR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com