Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0357491310 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0357491310
Description  Spade Tongue Terminal for 26-30 AWG (0.05~0.13mm짼), Stud Size 5-6 M3-3.5, Pre Tin-Lead Plated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357491310 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0357491310 Datasheet HTML 1Page - Molex Electronics Ltd. 0357491310 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357491310
Status:
Active
Description:
Spade Tongue Terminal for 26-30 AWG (0.05~0.13mm²), Stud Size 5-6 M3-3.5, Pre
Tin-Lead Plated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35749-001 (PDF)
General
Product Family
Ring and Spade Terminals
Series
35749
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
N/A
Type
Spade
Physical
Barrel Type
Open
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Reel
Stud Size
5-6 (M3-3.5)
Wire Insulation Diameter
1.20mm (.047") max., 1.40mm (.055") max.
Wire Size AWG
26, 28, 30
Wire Size mm²
0.05 - 0.12
Material Info
Reference - Drawing Numbers
Product Specification
PS-35749-001
Sales Drawing
SD-35749-1310
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35749Series
This document was generated on 03/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0357491310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357491460 MOLEX5-0357491460 Datasheet
136Kb / 2P
   Spade Tongue Terminal for 18-20 AWG (0.05~0.13mm짼), Stud Size 5-6 M3-3.5, Pre Ni Plated
More results

Similar Description - 0357491310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357490310 MOLEX5-0357490310 Datasheet
151Kb / 2P
   Spade Tongue Terminal for 26-30 AWG (0.05~0.13mm²), Stud Size 5-6 M3-3.5, Pre Tin Plated
0357491460 MOLEX5-0357491460 Datasheet
136Kb / 2P
   Spade Tongue Terminal for 18-20 AWG (0.05~0.13mm짼), Stud Size 5-6 M3-3.5, Pre Ni Plated
0357490110 MOLEX5-0357490110 Datasheet
68Kb / 2P
   Spade Tongue Terminal for 22-26 AWG (0.13~0.33mm짼), Stud Size 5-6 M3-3.5, Pre Tin Plated
0357501410 MOLEX5-0357501410 Datasheet
75Kb / 2P
   Ring Tongue Terminal for 20-22 AWG (0.30~0.50mm짼), Stud Size 5-6 (M3-3.5), Tin Plating
0357500610 MOLEX5-0357500610 Datasheet
75Kb / 2P
   Ring Tongue Terminal for 16-20 AWG (0.50~1.4mm짼), Stud Size 5-6 (M3-3.5), Post-Tin Plating
0190980018 MOLEX4-0190980018 Datasheet
94Kb / 2P
   Krimptite??Snap Spade Terminal, for 18-22 AWG Wire, Stud Size 5-6 (M3-3.5),14.86mm (.585") Length
0190980069 MOLEX4-0190980069 Datasheet
64Kb / 2P
   Krimptite??Snap Spade Terminal, for 10-12 AWG Wire, Stud Size 5-6 (M3-3.5),16.87mm (.664") Length
0357490910 MOLEX5-0357490910 Datasheet
86Kb / 2P
   Spade Tongue Terminal for 16-20 AWG (0.30~0.80mm짼), Stud Size 8 M4, Post Tin Plated
0192210492 MOLEX4-0192210492 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire, Stud Size 5/16", Plated
0191180054 MOLEX4-0191180054 Datasheet
90Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com