Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4F641612B-L Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4F641612B-L
Description  4M x 16bit CMOS Dynamic RAM with Fast Page Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F641612B-L Datasheet(HTML) 5 Page - Samsung semiconductor

  K4F641612B-L Datasheet HTML 1Page - Samsung semiconductor K4F641612B-L Datasheet HTML 2Page - Samsung semiconductor K4F641612B-L Datasheet HTML 3Page - Samsung semiconductor K4F641612B-L Datasheet HTML 4Page - Samsung semiconductor K4F641612B-L Datasheet HTML 5Page - Samsung semiconductor K4F641612B-L Datasheet HTML 6Page - Samsung semiconductor K4F641612B-L Datasheet HTML 7Page - Samsung semiconductor K4F641612B-L Datasheet HTML 8Page - Samsung semiconductor K4F641612B-L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
CMOS DRAM
K4F661612B,K4F641612B
CAPACITANCE (TA=25
°C, VCC=3.3V, f=1MHz)
Parameter
Symbol
Min
Max
Units
Input capacitance [A0 ~ A12]
CIN1
-
5
pF
Input capacitance [RAS, UCAS, LCAS, W, OE]
CIN2
-
7
pF
Output capacitance [DQ0 - DQ15]
CDQ
-
7
pF
Test condition : VCC=3.3V
±0.3V, Vih/Vil=2.2/0.7V, Voh/Vol=2.0/0.8V
Parameter
Symbol
-45
-50
-60
Units
Note
Min
Max
Min
Max
Min
Max
Random read or write cycle time
tRC
80
90
110
ns
Read-modify-write cycle time
tRWC
115
133
153
ns
Access time from RAS
tRAC
45
50
60
ns
3,4,10
Access time from CAS
tCAC
12
13
15
ns
3,4,5
Access time from column address
tAA
23
25
30
ns
3,10
CAS to output in Low-Z
tCLZ
0
0
0
ns
3
Output buffer turn-off delay
tOFF
0
13
0
13
0
13
ns
6
Transition time (rise and fall)
tT
1
50
1
50
1
50
ns
2
RAS precharge time
tRP
25
30
40
ns
RAS pulse width
tRAS
45
10K
50
10K
60
10K
ns
RAS hold time
tRSH
12
13
15
ns
CAS hold time
tCSH
45
50
60
ns
CAS pulse width
tCAS
12
10K
13
10K
15
10K
ns
RAS to CAS delay time
tRCD
18
33
20
37
20
45
ns
4
RAS to column address delay time
tRAD
13
22
15
25
15
30
ns
10
CAS to RAS precharge time
tCRP
5
5
5
ns
Row address set-up time
tASR
0
0
0
ns
Row address hold time
tRAH
8
10
10
ns
Column address set-up time
tASC
0
0
0
ns
13
Column address hold time
tCAH
8
10
10
ns
13
Column address to RAS lead time
tRAL
23
25
30
ns
Read command set-up time
tRCS
0
0
0
ns
Read command hold time referenced to CAS
tRCH
0
0
0
ns
8
Read command hold time referenced to RAS
tRRH
0
0
0
ns
8
Write command hold time
tWCH
8
10
10
ns
Write command pulse width
tWP
8
10
10
ns
Write command to RAS lead time
tRWL
13
15
15
ns
Write command to CAS lead time
tCWL
12
13
15
ns
16
Data set-up time
tDS
0
0
0
ns
9,19
Data hold time
tDH
10
10
10
ns
9,19
AC CHARACTERISTICS (0
°C≤TA≤70°C, See note 1,2)


Similar Part No. - K4F641612B-L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F641612C SAMSUNG-K4F641612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F641612C-L SAMSUNG-K4F641612C-L Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F641612C-TC SAMSUNG-K4F641612C-TC Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F641612C-TL50 SAMSUNG-K4F641612C-TL50 Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F641612D SAMSUNG-K4F641612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - K4F641612B-L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com