Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S161622D Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4S161622D
Description  512K x 16Bit x 2 Banks Synchronous DRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S161622D Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4S161622D Datasheet HTML 6Page - Samsung semiconductor K4S161622D Datasheet HTML 7Page - Samsung semiconductor K4S161622D Datasheet HTML 8Page - Samsung semiconductor K4S161622D Datasheet HTML 9Page - Samsung semiconductor K4S161622D Datasheet HTML 10Page - Samsung semiconductor K4S161622D Datasheet HTML 11Page - Samsung semiconductor K4S161622D Datasheet HTML 12Page - Samsung semiconductor K4S161622D Datasheet HTML 13Page - Samsung semiconductor K4S161622D Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
K4S161622D
CMOS SDRAM
DEVICE OPERATIONS
ADDRESS INPUTS (A0 ~ A10/AP)
: In case x 4
The 21 address bits are required to decode the 2,097,152 word
locations are multiplexed into 11 address input pins (A0 ~ A10/
AP). The 11 bit row addresses are latched along with RAS and
BA during bank activate command. The 10 bit column
addresses are latched along with CAS, WE and BA during read
or write command.
: In case x 8
The 20 address bits are required to decode the 1,048,576 word
locations are multiplexed into 11 address input pins (A0 ~ A10/
AP). The 11 bit row addresses are latched along with RAS and
BA during bank activate command. The 9 bit column addresses
are latched along with CAS, WE and BA during read or write
command.
: In case x 16
The 19 address bits are required to decode the 524,288 word
locations are multiplexed into 11 address input pins (A0 ~ A10/
AP). The 11 bit row addresses are latched along with RAS and
BA during bank activate command. The 8 bit column addresses
are latched along with CAS, WE and BA during read or write
command.
NOP and DEVICE DESELECT
When RAS, CAS and WE are high, the SDRAM performs no
operation (NOP). NOP does not initiate any new operation, but
is needed to complete operations which require more than sin-
gle clock cycle like bank activate, burst read, auto refresh, etc.
The device deselect is also a NOP and is entered by asserting
CS high. CS high disables the command decoder so that RAS,
CAS, WE and all the address inputs are ignored.
POWER-UP
SDRAMs must be powered up and initialized in a pre-
defined manner to prevent undefined operations.
1. Apply power and start clock. Must maintain CKE= "H", DQM=
"H" and the other pins are NOP condition at the inputs.
2. Maintain stable power, stable clock and NOP input condition
for a minimum of 200us.
3. Issue precharge commands for both banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode reg-
ister.
cf.) Sequence of 4 & 5 is regardless of the order.
The device is now ready for normal operation.
CLOCK (CLK)
The clock input is used as the reference for all SDRAM opera-
tions. All operations are synchronized to the positive going edge
of the clock. The clock transitions must be monotonic between
VIL and VIH. During operation with CKE high all inputs are
assumed to be in a valid state (low or high) for the duration of
set-up and hold time around positive edge of the clock in order
to function well Q perform and ICC specifications.
CLOCK ENABLE (CKE)
The clock enable(CKE) gates the clock onto SDRAM. If CKE
goes low synchronously with clock (set-up and hold time are the
same as other inputs), the internal clock is suspended from the
next clock cycle and the state of output and burst address is fro-
zen as long as the CKE remains low. All other inputs are ignored
from the next clock cycle after CKE goes low. When all banks
are in the idle state and CKE goes low synchronously with clock,
the SDRAM enters the power down mode from the next clock
cycle. The SDRAM remains in the power down mode ignoring
the other inputs as long as CKE remains low. The power down
exit is synchronous as the internal clock is suspended. When
CKE goes high at least "1CLK + tSS" before the high going edge
of the clock, then the SDRAM becomes active from the same
clock edge accepting all the input commands.
BANK ADDRESS (BA)
: In case x 4
This SDRAM is organized as two independent banks of
2,097,152 words x 4 bits memory arrays. The BA input is latched
at the time of assertion of RAS and CAS to select the bank to be
used for the operation. The bank select BA is latched at bank
active, read, write, mode register set and precharge operations.
: In case x 8
This SDRAM is organized as two independent banks of
1,048,576 words x 8 bits memory arrays. The BA input is latched
at the time of assertion of RAS and CAS to select the bank to be
used for the operation. The bank select BA is latched at bank
active, read, write, mode register set and precharge operations.
: In case x 16
This SDRAM is organized as two independent banks of 524,288
words x 16 bits memory arrays. The BA input is latched at the
time of assertion of RAS and CAS to select the bank to be used
for the operation. The bank select BA is latched at bank active,
read, write, mode register set and precharge operations.


Similar Part No. - K4S161622D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S161622D-TI/E10 SAMSUNG-K4S161622D-TI/E10 Datasheet
680Kb / 43P
   1M x 16 SDRAM
K4S161622D-TI/E50 SAMSUNG-K4S161622D-TI/E50 Datasheet
680Kb / 43P
   1M x 16 SDRAM
K4S161622D-TI/E55 SAMSUNG-K4S161622D-TI/E55 Datasheet
680Kb / 43P
   1M x 16 SDRAM
K4S161622D-TI/E60 SAMSUNG-K4S161622D-TI/E60 Datasheet
680Kb / 43P
   1M x 16 SDRAM
K4S161622D-TI/E70 SAMSUNG-K4S161622D-TI/E70 Datasheet
680Kb / 43P
   1M x 16 SDRAM
More results

Similar Description - K4S161622D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S1120D SAMSUNG-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
logo
List of Unclassifed Man...
KM416S1120D ETC-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
logo
Samsung semiconductor
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com