Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35533-0221 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35533-0221
Description  PT Bulb Socket Single Housing Assembly, Type C, Unsealed, Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

35533-0221 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35533-0221 Datasheet HTML 1Page - Molex Electronics Ltd. 35533-0221 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0355330221
Status:
Active
Description:
PT Bulb Socket Single Housing Assembly, Type C, Unsealed, Black
Documents:
3D Model
Product Specification PS-35532-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
35533
Comments
C-Type
Component Type
Socket
Product Name
Bulb Socket
Physical
Circuits (Loaded)
0
Circuits (maximum)
2
Color - Resin
Black
Durability (mating cycles max)
50
Entry Angle
Vertical
Keying to Mating Part
None
Material - Resin
Nylon
PCB Locator
No
PCB Retention
N/A
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
7A
Voltage - Maximum
300V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-35532-001
Sales Drawing
SD-35533-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35533Series
Mates With
Lamp
Use With
35438 Positive Termina...
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35533-0221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35533-0224 MOLEX5-35533-0224 Datasheet
149Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type C, Unsealed, Blue
35533-0225 MOLEX5-35533-0225 Datasheet
149Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type C, Unsealed, Gray
35533-0226 MOLEX5-35533-0226 Datasheet
150Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type C, Unsealed, White
More results

Similar Description - 35533-0221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0355330224 MOLEX5-0355330224 Datasheet
149Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type C, Unsealed, Blue
0355330225 MOLEX5-0355330225 Datasheet
149Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type C, Unsealed, Gray
0355330226 MOLEX5-0355330226 Datasheet
150Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type C, Unsealed, White
0355330205 MOLEX5-0355330205 Datasheet
138Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type A, Unsealed, Gray
0355330215 MOLEX5-0355330215 Datasheet
150Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type B, Unsealed, Gray
0355330206 MOLEX5-0355330206 Datasheet
143Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type A, Unsealed, White
0355330216 MOLEX5-0355330216 Datasheet
150Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type B, Unsealed, White
0358431221 MOLEX5-0358431221 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Black
0358431230 MOLEX5-0358431230 Datasheet
156Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Natural
0358431227 MOLEX5-0358431227 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Brown
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com